| Electronic Components Datasheet Search |
|
MPC8377ECZQALGA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECZQALGA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 2 Freescale Semiconductor Overview 2.0 dual-role controller, a programmable interrupt controller, dual I2C controllers, a 4-channel DMA controller, an enhanced secured digital host controller, and a general-purpose I/O port. The block diagram of the MPC8377E is shown in Figure 1. Figure 1. MPC8377E Block Diagram and Features The following features are supported in the MPC8377E: • e300c4s core built on Power Architecture™ technology with 32-Kbyte instruction cache and 32-Kbyte data cache, a floating point unit, and two integer units • DDR1/DDR2 memory controller supporting a 32/64-bit interface • Peripheral interfaces, such as a 32-bit PCI interface with up to 66-MHz operation • 32-bit local bus interface running up to 133-MHz • USB 2.0 (full/high speed) support • Power management controller for low-power consumption • High degree of software compatibility with previous-generation PowerQUICC processor-based designs for backward compatibility and easier software migration • Optional security engine provides acceleration for control and data plane security protocols The optional security engine (SEC 3.0) is noted with the extension “E” at the end. It allows CPU-intensive cryptographic operations to be offloaded from the main CPU core. The security-processing accelerator provides hardware acceleration for the DES, 3DES, AES, SHA-1, and MD-5 algorithms. MPC8377E Security Enhanced e300 Core 32-Kbyte I-Cache 32-Kbyte D-Cache DUART Dual I2C Timers GPIO SPI Interrupt Controller DDR1/DDR2 SDRAM Controller Local Bus eTSEC PCI Express x1 USB 2.0 Hi-Speed Host Device RGMII, RMII, RTBI, MII SATA PHY PHY PCI Express x1 eTSEC RGMII, RMII, RTBI, MII DMA PCI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |