Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378E Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8378E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Overview
2.0 dual-role controller, a programmable interrupt controller, dual I2C controllers, a 4-channel DMA
controller, an enhanced secured digital host controller, and a general-purpose I/O port. The block diagram
of the MPC8378E is shown in Figure 1.
Figure 1. MPC8378E Block Diagram and Features
The following features are supported in the MPC8378E:
•
e300c4s core built on Power Architecture™ technology with 32-Kbyte instruction cache and
32-Kbyte data cache, a floating point unit, and two integer units
•
DDR1/DDR2 memory controller supporting a 32/64-bit interface
•
Peripheral interfaces, such as a 32-bit PCI interface with up to 66-MHz operation
•
32-bit local bus interface running up to 133-MHz
•
USB 2.0 (full/high speed) support
•
Power management controller for low-power consumption
•
High degree of software compatibility with previous-generation PowerQUICC processor-based
designs for backward compatibility and easier software migration
•
Optional security engine provides acceleration for control and data plane security protocols
The optional security engine (SEC 3.0) is noted with the extension “E” at the end. It allows CPU-intensive
cryptographic operations to be offloaded from the main CPU core. The security-processing accelerator
provides hardware acceleration for the DES, 3DES, AES, SHA-1, and MD-5 algorithms.
MPC8378E
DMA
PCI
eTSEC
PCI
Express
x1
SGMII,
RGMII, RMII,
RTBI, MII
Security
Enhanced
e300 Core
32-Kbyte
I-Cache
32-Kbyte
D-Cache
DUART
Dual I2C
Timers
GPIO
SPI
Interrupt
Controller
DDR1/DDR2
SDRAM
Controller
USB 2.0
Hi-Speed
Host
Device
Local Bus
eTSEC
SGMII,
RGMII, RMII,
RTBI, MII
PCI
Express
x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com