Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8377ECVRALGA Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRALGA Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRALGA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
99
Package and Pin Listings
PCI_GNT_B[4]
AE25
O
OVDD
—
PCI_IDSEL
W28
I
OVDD
5
PCI_INTA_B/IRQ_OUT_B
AD29
O
OVDD
2
PCI_IRDY_B
U29
I/O
OVDD
5
PCI_PAR
V25
I/O
OVDD
—
PCI_PERR_B
Y25
I/O
OVDD
5
PCI_REQ_B0
AE26
I/O
OVDD
—
PCI_REQ_B[1]/CPCI_HS_ES
AC29
I
OVDD
—
PCI_REQ_B2
AB29
I
OVDD
—
PCI_REQ_B3
AD26
I
OVDD
—
PCI_REQ_B4
W27
I
OVDD
—
PCI_RESET_OUT_B
AD28
O
OVDD
—
PCI_SERR_B
V26
I/O
OVDD
5
PCI_STOP_B
W26
I/O
OVDD
5
PCI_TRDY_B
Y24
I/O
OVDD
5
M66EN
AD15
I
OVDD
—
Programmable Interrupt Controller (PIC) Interface
MCP_OUT_B
AD14
O
OVDD
2
IRQ_B0/MCP_IN_B/GPIO2[12]
F9
I/O
OVDD
—
IRQ_B1/GPIO2[13]
E9
I/O
OVDD
—
IRQ_B2/GPIO2[14]
F10
I/O
OVDD
—
IRQ_B3/GPIO2[15]
D9
I/O
OVDD
—
IRQ_B4/GPIO2[16]
C9
I/O
OVDD
—
IRQ_B5/GPIO2[17]/
USBDR_PWRFAULT
AE10
I/O
OVDD
—
IRQ_B6/GPIO2[18]
AD10
I/O
OVDD
—
IRQ_B7/GPIO2[19]
AD9
I/O
OVDD
—
PMC Interface
QUIESCE_B
D13
O
OVDD
—
SerDes1 Interface
L1_SD_IMP_CAL_RX
AJ14
I
L1_XPADVDD
—
L1_SD_IMP_CAL_TX
AG19
I
L1_XPADVDD
—
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com