Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8379ECVRALGA Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRALGA Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRALGA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
89
Package and Pin Listings
PCI_AD9
P28
I/O
OVDD
—
PCI_AD10
U25
I/O
OVDD
—
PCI_AD11
R28
I/O
OVDD
—
PCI_AD12
U26
I/O
OVDD
—
PCI_AD13
U24
I/O
OVDD
—
PCI_AD14
T29
I/O
OVDD
—
PCI_AD15
V24
I/O
OVDD
—
PCI_AD16
Y26
I/O
OVDD
—
PCI_AD17
V28
I/O
OVDD
—
PCI_AD18
AA25
I/O
OVDD
—
PCI_AD19
AA26
I/O
OVDD
—
PCI_AD20
W29
I/O
OVDD
—
PCI_AD21
AA24
I/O
OVDD
—
PCI_AD22
AA27
I/O
OVDD
—
PCI_AD23
AC26
I/O
OVDD
—
PCI_AD24
AB25
I/O
OVDD
—
PCI_AD25
AB24
I/O
OVDD
—
PCI_AD26
AA28
I/O
OVDD
—
PCI_AD27
AA29
I/O
OVDD
—
PCI_AD28
AC24
I/O
OVDD
—
PCI_AD29
AC25
I/O
OVDD
—
PCI_AD30
AB28
I/O
OVDD
—
PCI_AD31
AE24
I/O
OVDD
—
PCI_C_BE_B0
T26
I/O
OVDD
—
PCI_C_BE_B1
T28
I/O
OVDD
—
PCI_C_BE_B2
V29
I/O
OVDD
—
PCI_C_BE_B3
Y29
I/O
OVDD
—
PCI_DEVSEL_B
U28
I/O
OVDD
5
PCI_FRAME_B
V27
I/O
OVDD
—
PCI_GNT_B0
AE27
I/O
OVDD
—
PCI_GNT_B[1]/CPCI_HS_LED
AC28
O
OVDD
—
PCI_GNT_B[2]/CPCI_HS_ENUM
AD27
O
OVDD
—
PCI_GNT_B[3]/PCI_PME
AC27
O
OVDD
—
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com