| Electronic Components Datasheet Search |
|
MPC8377ECVRALFA Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECVRALFA Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc |
|
76 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 76 Freescale Semiconductor High-Speed Serial Interfaces (HSSI) Figure 49 shows the SPI timing in slave mode (external clock). Figure 49. SPI AC Timing in Slave Mode (External Clock) Diagram Figure 50 shows the SPI timing in master mode (internal clock). Figure 50. SPI AC Timing in Master Mode (Internal Clock) Diagram 21 High-Speed Serial Interfaces (HSSI) The MPC8377E features two serializer/deserializer (SerDes) interfaces to be used for high-speed serial interconnect applications. See Table 1 for the interfaces supported. This section describes the common portion of SerDes DC electrical specifications, which is the DC requirement for SerDes reference clocks. The SerDes data lane’s transmitter and receiver reference circuits are also shown. 21.1 Signal Terms Definition The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms used in the description and specification of differential signals. Figure 51 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for description. The figure shows waveform for either a transmitter output (SDn_TX and SDn_TX) or a receiver input (SDn_RX and SDn_RX). Each signal swings between A volts and B volts where A > B. SPICLK (input) tNEIXKH tNEIVKH tNEKHOV Input Signals: SPIMOSI (See Note) Output Signals: SPIMISO (See Note) Note: The clock edge is selectable on SPI. SPICLK (output) tNIIXKH tNIKHOV Input Signals: SPIMISO (See Note) Output Signals: SPIMOSI (See Note) Note: The clock edge is selectable on SPI. tNIIVKH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |