Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX512CJM6C Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 119Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 120Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 121Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 122Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 123Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
120
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.14
SPDIF Timing Parameters
Table 87 shows the timing parameters for the Sony/Philips Digital Interconnect Format (SPDIF).
3.7.15
SSI Timing Parameters
This section describes the timing parameters of the SSI module. The connectivity of the serial synchronous
interfaces is summarized in Table 88.
SJ9
TMS, TDI data hold time
25
—
ns
SJ10
TCK low to TDO data valid
—
44
ns
SJ11
TCK low to TDO high impedance
—
44
ns
SJ12
TRST assert time
100
—
ns
SJ13
TRST set-up time to TCK low
40
—
ns
1 T
DC = target frequency of SJC
2 V
M = mid-point voltage
Table 87. SPDIF Timing
Characteristics
Symbol
All Frequencies
Unit
Min
Max
SPDIFOUT output (load = 50 pF)
•Skew
• Transition rising
• Transition falling
——
—
—
1.5
24.2
31.3
ns
SPDIFOUT output (load = 30 pF)
•Skew
• Transition rising
• Transition falling
——
—
—
1.5
13.6
18.0
ns
Table 88. AUDMUX Port Allocation
Port
Signal Nomenclature
Type and Access
AUDMUX port 1
SSI 1
Internal
AUDMUX port 2
SSI 2
Internal
AUDMUX port 3
AUD3
External – AUD3 I/O
AUDMUX port 4
AUD4
External – EIM or CSPI1 I/O via IOMUX
AUDMUX port 5
AUD5
External – EIM or SD1 I/O via IOMUX
Table 86. JTAG Timing (continued)
ID
Parameter1,2
All Frequencies
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com