Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX512CJM6C Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 119Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 120Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 121Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 122Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 123Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 124Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
121
Preliminary—Subject to Change Without Notice
NOTE
•
The terms WL and BL used in the timing diagrams and tables refer to
Word Length (WL) and Byte Length (BL).
•
The SSI timing diagrams use generic signal names wherein the names
used in the i.MX51 reference manual are channel specific signal names.
For example, a channel clock referenced in the IOMUXC chapter as
AUD3_TXC appears in the timing diagram as TXC.
.
Figure 89. SSI Transmitter Internal Clock Timing Diagram
3.7.15.1
SSI Transmitter Timing with Internal Clock
AUDMUX port 6
AUD6
External – EIM or DISP2 via IOMUX
AUDMUX port 7
SSI 3
Internal
Table 89. SSI Transmitter Timing with Internal Clock
ID
Parameter
Min
Max
Unit
Internal Clock Operation
SS1
(Tx/Rx) CK clock period
81.4
—
ns
SS2
(Tx/Rx) CK clock high period
36.0
—
ns
SS3
(Tx/Rx) CK clock rise time
—
6.0
ns
Table 88. AUDMUX Port Allocation (continued)
Port
Signal Nomenclature
Type and Access
SS19
SS1
SS2
SS4
SS3
SS5
SS6
SS8
SS10
SS12
SS14
SS18
SS15
SS17
SS16
SS43
SS42
Note: SRXD input in synchronous mode only
TXC
(Output)
TXFS (wl)
(Output)
TXFS (bl)
(Output)
RXD
(Input)
TXD
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com