Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX512CJM6C Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
136
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.19
USB PHY Parameters
3.7.19.1
USB PHY AC Parameters
3.7.19.2
USB PHY Additional Electrical Parameters
3.7.19.3
USB PHY System Clocking (SYSCLK)
Table 106. USB PHY AC Timing Parameters
Parameter
Conditions
Min
Typ
Max
Unit
trise
1.5Mbps
12Mbps
480Mbps
75
4
0.5
—
300
20
ns
tfall
1.5Mbps
12Mbps
480Mbps
75
4
0.5
—
300
20
ns
Jitter
1.5Mbps
12Mbps
480Mbps
——
10
1
0.2
ns
Table 107. Additional Electrical Characteristics for USB PHY
Parameter
Conditions
Min
Typ
Max
Unit
Vcm DC
(dc level measured at receiver connector)
HS Mode
LS/FS Mode
–0.05
0.8
—0.5
2.5
V
Crossover Voltage
LS Mode
FS Mode
1.3
1.3
—2
2
V
Power supply ripple noise
(analog 3.3 V)
<160 MHz
–50
0
50
mV
Power supply ripple noise
(analog 2.5 V)
<1.2 MHz
>1.2 MHz
–10
–50
0
0
10
50
mV
Power supply ripple noise
(Digital 1.2)
All conditions
–50
0
50
mV
Table 108. USB PHY System Clocking Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Clock deviation
—
–150
—
150
ppm
Rise/fall time
—
—
—
200
ps
Jitter (peak-peak)
<1.2 MHz
0
—
50
ps
Jitter (peak-peak)
>1.2 MHz
0
—
100
ps
Duty-cycle
—
40
—
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com