Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX512CJM6C Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 140Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 141Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 142Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 184 page
background image
Package Information and Contact Assignments
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
139
Preliminary—Subject to Change Without Notice
4.1.2
13
× 13 mm, 0.5 Pitch Ball Assignment Lists
Table 110 shows the device connection list for ground, power, sense, and reference contact signals
alpha-sorted by name. Table 111 displays an alpha-sorted list of the signal assignments. Table 112 provides
a listing of the no-connect contacts.
4.1.2.1
13
× 13 mm Ball Contact Assignments
Table 110 shows the device connection list for ground, power, sense, and reference contact signals
alpha-sorted by name
Table 110. 13
× 13 mm Ground, Power, Sense, and Reference Contact Assignments
Contact Name
Contact Assignment
AHVDDRGB
V15, V16
AHVSSRGB
V13, V14
GND
A1, A24, A25, B1, B25, E7, E13, E16, E19, G5, J13, J14, K5, K13, K14, K15, L13, L14, L15, L21, M12,
M13, M14, M15, N5, N6, N8, N9, N10, N11, P8, P9, P11, P21, R8, R9, R10, R11, R12, T8, T9, T10, T11,
T12, T13, U5, U9, U10, U11, U12, U13, U21, W5, AA7, AA10, AA13, AA16, AA19, AD1, AD2, AD25, AE1,
AE24, AE25
GND_ANA_PLL_A
AE3
GND_ANA_PLL_B
AC25
GND_DIG_PLL_A
AE2
GND_DIG_PLL_B
AD24
NGND_OSC
AC23
NGND_TV_BACK
AB22
NGND_USBPHY
L23
NVCC_EMI
U8, V8
NVCC_EMI_DRAM L5, M5, R5, T5, Y5, AA5
NVCC_HS10
M20
NVCC_HS4_1
L20
NVCC_HS4_2
P20
NVCC_HS6
N20
NVCC_I2C
V11
NVCC_IPU2
V20
NVCC_IPU4
N16
NVCC_IPU5
K16
NVCC_IPU6
M16
NVCC_IPU7
H22
NVCC_IPU8
V22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com