Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX513CJM6C Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 54Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 55Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 56Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 57Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 59Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 60Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 61Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
58
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Figure 33. DDR2 SDRAM Write Cycle
Table 47. DDR2 SDRAM Write Cycle
ID
PARAMETER
Symbol
SDCLK = 200 MHz
Unit
Min
Max
DDR17
DQ and DQM setup time to DQS (differential strobe)1
1 These values are for DQ/DM slew rates of 1 V/ns and DQS/DQS_B differential slew rates of 2 V/ns. For different values use
derating table below
tDS(base)
0.15
—
ns
DDR18
DQ and DQM hold time to DQS (differential strobe)
1
tDH(base)
0.275
—
ns
DDR17
DQ and DQM setup time to DQS (single-ended strobe)2
2 These values are for DQ/DM slew rates of 1 V/ns and DQS slew rates of 1 V/ns. For different values use derating table below
tDS1(base)
0.025
—
ns
DDR18
DQ and DQM hold time to DQS
(single-ended strobe)2
tDH1(base)
0.025
—
ns
DDR19
Write cycle DQS falling edge to SDCLK output setup time
tDSS
0.2
—
tCK
DDR20
Write cycle DQS falling edge to SDCLK output hold time
tDSH
0.2
—
tCK
DDR21
DQS latching rising transitions to associated clock edges
tDQSS
–0.25
0.25
tCK
DDR22
DQS high level width
tDQSH
0.35
—
tCK
DDR23
DQS low level width
tDQSL
0.35
—
tCK
SDCLK
SDCLK_B
DQS (output)
DQ (output)
DQM (output)
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
DDR17
DDR17
DDR17
DDR17
DDR18
DDR18
DDR18
DDR18
DDR19
DDR20
DDR21
DDR23
DDR22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com