Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX513CJM6C Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 56Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 57Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 59Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 60Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 61Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 62Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 63Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
60
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Figure 34. DDR2 SDRAM DQ vs. DQS and SDCLK READ Cycle
3.7
External Peripheral Interfaces
3.7.1
CSPI Timing Parameters
This section describes the timing parameters of the CSPI. The CSPI has separate timing parameters for
master and slave modes. The nomenclature used with the CSPI modules and the respective routing of these
signals is shown in Table 51 on page 61.
Table 50. DDR2 SDRAM Read Cycle1
1 Test conditions are: Capacitance of 15 pF for DDR contacts. The recommended drive strength is Medium for SDCLK and High
for address and controls
ID
Parameter
Symbol
SDCLK = 200 MHz2
2 SDCLK and DQS related parameters are being measured from the 50% point. that is, high is defined as 50% of signal value
and low is defined as 50% as signal value. DDR SDRAM CLK parameters are measured at the crossing point of SDCLK and
SDCLK_B.
Unit
Min
Max
DDR24
DQS - DQ Skew (defines the Data valid window in read cycles related to
DQS).
tDQSQ
—0.35
ns
DDR25
DQS DQ in HOLD time from DQS
tQH
1.8
—
ns
DDR26
DQS output access time from SDCLK posedge
tDQSCK
–0.5
0.5
ns
SDCLK
SDCLK_B
DQS (input)
DQ (input)
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DDR26
DDR24
DDR25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com