Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX513CJM6C Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
104
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Figure 69 depicts the timing of the PWM, and Table 76 lists the PWM timing parameters.
Figure 69. PWM Timing
3.7.11
P-ATA Timing Parameters
This section describes the timing parameters of the Parallel ATA module which are compliant with
ATA/ATAPI-6 specification.
Parallel ATA module can work on PIO/Multi-Word DMA/Ultra DMA transfer modes. Each transfer mode
has different data transfer rate, Ultra DMA mode 4 data transfer rate is up to 100MB/s. Parallel ATA
module interface consist of a total of 29 pins, Some pins act on different function in different transfer
mode. There are different requirements of timing relationships among the function pins conform with
ATA/ATAPI-6 specification and these requirements are configurable by the ATA module registers.
Table 77 and Figure 70 define the AC characteristics of all the P-ATA interface signals on all data
transfer modes.
Table 76. PWM Output Timing Parameter
Ref. No.
Parameter
Min
Max
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
0
ipg_clk
MHz
2a
Clock high time
12.29
—
ns
2b
Clock low time
9.91
—
ns
3a
Clock fall time
—
0.5
ns
3b
Clock rise time
—
0.5
ns
4a
Output delay time
—
9.37
ns
4b
Output setup time
8.71
—
ns
System Clock
2a
1
PWM Output
3b
2b
3a
4b
4a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com