Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX513CJM6C Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 113Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 114Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 115Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 116Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 117Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 118Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
115
Preliminary—Subject to Change Without Notice
3.7.12.1
Reset Sequence
3.7.12.1.1
Cards with internal reset
The sequence of reset for this kind of SIM Cards is as follows (see Figure 82):
•
After power up, the clock signal is enabled on SIMx_CLKy(time T0)
•
After 200 clock cycles, RX must be high.
•
The card must send a response on RX acknowledging the reset between 400 and 40000 clock
cycles after T0.
Figure 82. Internal-Reset Card Reset Sequence
3.7.12.1.2
Cards with Active Low Reset
The sequence of reset for this kind of card is as follows (see Figure 83):
•
After power-up, the clock signal is enabled on SIMx_CLKy (time T0)
•
After 200 clock cycles, SIMx_DATAy_RX_TX must be high.
•
SIMx_RSTy must remain Low for at least 40000 clock cycles after T0 (no response is to be
received on RX during those 40000 clock cycles)
•
SIMx_RSTy is set High (time T1)
•
SIMx_RSTy must remain High for at least 40000 clock cycles after T1 and a response must be
received on SIMx_DATAy_RX_TX between 400 and 40000 clock cycles after T1.
SIMx_SVENy
SIMx_CLKy
SIMx_DATAy_RX_TX
2
T0
1
response
2
1
< 200 clock cycles
< 40000 clock cycles
400 clock cycles <



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com