Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX513CJM6C Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 168Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 169Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 170Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 171Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 172Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 173Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 174Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 175Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
172
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Package Information and Contact Assignments
4.2.2.3
Fuse Override Considerations
Table 115 lists the contacts that can be overridden with fuse settings.
Table 115. Fuse Override Contacts
Contact name
Direction
After Reset
Configuration
After Reset
Signal Configuration1
External Termination for Fuse Override
DISP1_DAT10
Input
Keeper
BT_SPARE_SIZE
4.7 k
Ω pull-up or pull-down
DISP1_DAT11
Input
Keeper
BT_LPB_FREQ[2]
4.7 k
Ω pull-up or pull-down
DISP1_DAT12
Input
Keeper
BT_MLC_SEL
4.7 k
Ω pull-up or pull-down
DISP1_DAT13
Input
Keeper
BT_MEM_CTL[0]
4.7 k
Ω pull-up or pull-down
DISP1_DAT14
Input
Keeper
BT_MEM_CTL[1]
4.7 k
Ω pull-up or pull-down
DISP1_DAT15
Input
Keeper
BT_BUS_WIDTH
4.7 k
Ω pull-up or pull-down
DISP1_DAT16
Input
Keeper
BT_PAGE_SIZE[0]
4.7 k
Ω pull-up or pull-down
DISP1_DAT17
Input
Keeper
BT_PAGE_SIZE[1]
4.7 k
Ω pull-up or pull-down
DISP1_DAT18
Input
Keeper
BT_WEIM_MUXED[0]
4.7 k
Ω pull-up or pull-down
DISP1_DAT19
Input
Keeper
BT_WEIM_MUXED[1]
4.7 k
Ω pull-up or pull-down
DISP1_DAT20
Input
Keeper
BT_MEM_TYPE[0]
4.7 k
Ω pull-up or pull-down
DISP1_DAT21
Input
Keeper
BT_MEM_TYPE[1]
4.7 k
Ω pull-up or pull-down
DISP1_DAT22
Input
Keeper
BT_LPB_FREQ[0]
4.7 k
Ω pull-up or pull-down
DISP1_DAT23
Input
Keeper
BT_LPB_FREQ[1]
4.7 k
Ω pull-up or pull-down
DISP1_DAT6
Input
Keeper
BT_USB_SRC
4.7 k
Ω pull-up or pull-down
DISP1_DAT7
Input
Keeper
BT_EEPROM_CFG
4.7 k
Ω pull-up or pull-down
DISP1_DAT8
Input
Keeper
BT_SRC[0]
4.7 k
Ω pull-up or pull-down
DISP1_DAT9
Input
Keeper
BT_SRC[1]
4.7 k
Ω pull-up or pull-down
EIM_A16
Input
100 k
Ω pull-up OSC_FREQ_SEL[0]
4.7 k
Ω pull-down or none for high level2
EIM_A17
Input
100 k
Ω pull-up OSC_FREQ_SEL[1]
4.7 k
Ω pull-down or none for high level2
EIM_A18
Input
100 k
Ω pull-up BT_LPB[0]
4.7 k
Ω pull-down or none for high level2
EIM_A19
Input
100 k
Ω pull-up
BT_LPB[1]
4.7 k
Ω pull-down or none for high level2
EIM_A20
Input
100 k
Ω pull-up BT_UART_SRC[0]
4.7 k
Ω pull-down or none for high level2
EIM_A21
Input
100 k
Ω pull-up BT_UART_SRC[1]
4.7 k
Ω pull-down or none for high level2
EIM_A23
Input
100 k
Ω pull-up No longer used; formerly
BT_HPN_EN.
none
KEY_COL3
Output
High
Output for diagnostic signal
INT_BOOT during power-on
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com