Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1AB Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # RS1AB
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RS1AB Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  RS1AB Datasheet HTML 1Page - PACELEADER INDUSTRIAL RS1AB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES RS1AB THRU RS1MB
RS1AB thru RS1MB
SURFACE MOUNT FAST RECOVERY RECTIFIER
SURFACE MOUNT FAST RECOVERY RECTIFIER
25
75
100
125
150
0.8
0
50
0.4
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
1.0
0.6
0.2
LEAD TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
20
40
120
140
0
0.1
1.0
10
1000
100
60
80
100
0.01
TJ = 25 C
TJ = 100 C
PULSEWIDTH:300 s
www.paceleader.tw
FIG.1 Forward Current Derating Curve
FIG.2 Maximum Non-Pepetitive Surge Current
FIG.3 Typcial Forward Characteristics
FIG.4 Typical Reverse Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com