Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1AB Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # RS1AB
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RS1AB Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  RS1AB Datasheet HTML 1Page - PACELEADER INDUSTRIAL RS1AB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
RS1AB thru RS1MB
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-65 to +175
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
1.0
30
1.3
+175
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 1.0 AMPERES
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
TJ
TRR
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
5.0
100
150
250
500
15
A
Ldeaf for surface mount applications
Glass Passivated Chip
Low Reverse Leakage Current
Low Forward Voltage Drop And High Current Capability
Plastic Meterial Has UL Flammability Classificatiom 94V-0
Case
JEDEC DO-214AA molded plastic
Epoxy
UL 94V-0 rate flame retardant
Metallurgically bonded construction
Polarity Color band denotes cathode end
Mounting position
Any
Weight 0.003 Ounce, 0.093 grams
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current .0375
0
(9.5mm)Lead Length at TA =55 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneoue at 1.0A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage @TA=100 C
Maximum Reverse Recovery Time
Typical Junction Capacitance
Operating Temperature Range
Storage Temperature Range
RS1AB
RS1BB
RS1DB RS1GB
RS1JB
RS1KB RS1MB
SURFACE MOUNT FAST RECOVERY RECTIFIER
SURFACE MOUNT FAST RECOVERY RECTIFIER
NOTES
1. Measured at 1 MHz and applied reverse Voltag of 4.0VDC
2. Thermal Resistance Junction to case
SMB/DO-214AA
Dimensions in inches and (millimeters)
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
www.paceleader.tw


Similar Part No. - RS1AB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS1AB DIODES-RS1AB Datasheet
47Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Weitron Technology
RS1AB WEITRON-RS1AB Datasheet
177Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Diodes Incorporated
RS1AB DIODES-RS1AB Datasheet
107Kb / 3P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. 11 - 2
logo
Daya Electric Group Co....
RS1AB DAYA-RS1AB Datasheet
52Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1AB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com