Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9243 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9243
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9243 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9243 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SC9243
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.02.17
Http: www.silan.com.cn
Page 2 of 15
ABSOLUTE MAXIMUM RATING (Tamb=>25°C)
Characteristics
Symbol
Test conditions
Ratings
Unit
Supply Voltage
VDD
-0.3 ~ 5.0
V
Input Voltage With Respect To Vss
VIN
VDD=3 V All outputs floating
VSS-0.3 ~ VDD+0.3
V
Power Dissipation
Pd
300
mW
Storage Temperature
Tstg
-40~125
°C
Operating Temperature
Topr
VDD=3 V
-20~70
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VDD=3V)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Operating supply Voltage
VDD
All Function Operating
2.0
3.0
4.0
V
Operating Supply Current
IDD
Key On Without Load fOSC=455
kHz
1000
μA
Stand-By Current
ISB
All Keys Off Stops Oscillation
Output Floating.
1
μA
Input Leakage Current(KI0~KI7)
IIL
VIN=GND
1.0
μA
Dout Driving Current
IOH
VDD =3V
VO =1.5V
10
mA
LED Sinking Current
IOL
VDD =3V
VO =1.5V
-5
mA
Input High Level Voltage
VIH
0.7 VDD
VDD
V
Input Low Level Voltage
VIL
0
0.3 VDD
V
Oscillation Frequency
fOSC
400
455
800
kHz
Pull-down Resistor
Rd
KI0~KI7 Pins
40
50
60
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com