Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9243 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9243
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9243 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9243 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC9243
FUNCTIONAL DESCRIPTION
1. TRANSMISSION CODE
The transmission code consists of a leader code, 16 bits system code, and 8 bits data code. The inverse of the
data code is also sent simultaeously. The following diagram shows this one frame construction.
It should be noted that System Code Bit 7(S7) has a fixed value of “1”.
The leader code consists of a 4.5 ms carrier waveform followed by a 4.5 ms OFF waveform. It is used as the
leader for the following codes. Thus, when reception is configured by a microcomputer, the time relationship
between the detection of the reception and the other processes can be managed efficiently. The code uses the
PPM (Pulse Position Modulation )Method, with “0”and “1” differentiated by the time between pulses.
2. REMOTE OUTPUT WAVEFORMS
SC9243 Remote Output Waveforms are given in the diagram below.(for fosc=455KHz)
When oscillation frequency is 455 KHz, a signal is outputted after pulse is modulated by 38 KHz of duty 1/3
(which is 1/12 of the carrier generation circuit).
Note:
In preparing the firmware of the receiving circuit, please strictly follow the following instructions:
1. System Codes: The same code is transmitted twice and therefore, always decode these 2 codes and check
if they are in agreement with each other.
2. Key Data Codes: The Key Data Code and its inversed code are always transmitted together, therefore,
check if they are in agreement with each other.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.02.17
Http: www.silan.com.cn
Page 4 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com