Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC6071 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC6071 Datasheet(HTML) 4 Page - Motorola, Inc

  MAC6071 Datasheet HTML 1Page - Motorola, Inc MAC6071 Datasheet HTML 2Page - Motorola, Inc MAC6071 Datasheet HTML 3Page - Motorola, Inc MAC6071 Datasheet HTML 4Page - Motorola, Inc MAC6071 Datasheet HTML 5Page - Motorola, Inc MAC6071 Datasheet HTML 6Page - Motorola, Inc MAC6071 Datasheet HTML 7Page - Motorola, Inc MAC6071 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC6071A,B MAC6073A,B MAC6075A,B
4
Motorola Thyristor Device Data
Figure 1. RMS Current Derating
Figure 2. Maximum On–State Power
Dissipation
Figure 3. On–State Characteristics
Figure 4. Transient Thermal Response
Figure 5. Typical Holding Current versus
Junction Temperature
Figure 6. Typical Latching Current versus
Junction Temperature (MAC6075B)
α
α
α = CONDUCTION ANGLE
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
0
110
105
100
95
90
85
IT(RMS), RMS ON–STATE CURRENT (AMPS)
α
α
α = CONDUCTION ANGLE
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
0
7.0
6.0
5.0
4.0
3.0
2.0
IT(RMS), RMS ON–STATE CURRENT (AMPS)
1.0
0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
4.5
100
10
1.0
0.1
0.01
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
0.1
1.0
10
100
10
t, TIME (ms)
1.0
0.1
5.0
1
S103
1
S104
40
60
80
–40
–20
0
20
100
2.0
1.5
1.0
0.5
0
TJ, JUNCTION TEMPERATURE (°C)
110
2.5
40
60
80
–40
–20
0
20
100
4.0
3.0
2.0
1.0
0
TJ, JUNCTION TEMPERATURE (°C)
110
5.0
8.0
7.0
6.0
9.0
Q2 IG = 8 mA
Q4 IG = 15 mA
Q3 IG = 8 mA
Q1 IG = 8 mA
T = 30°
60
°
90
°
DC
180
°
120
°
T = 30°
60
°
90
°
DC
180
°
120
°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 110°C
MAXIMUM
MT2 NEGATIVE
MT2 POSITIVE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com