Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC6071 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MAC6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC6071 Datasheet(HTML) 5 Page - Motorola, Inc

  MAC6071 Datasheet HTML 1Page - Motorola, Inc MAC6071 Datasheet HTML 2Page - Motorola, Inc MAC6071 Datasheet HTML 3Page - Motorola, Inc MAC6071 Datasheet HTML 4Page - Motorola, Inc MAC6071 Datasheet HTML 5Page - Motorola, Inc MAC6071 Datasheet HTML 6Page - Motorola, Inc MAC6071 Datasheet HTML 7Page - Motorola, Inc MAC6071 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAC6071A,B MAC6073A,B MAC6075A,B
5
Motorola Thyristor Device Data
Figure 7. Typical Gate Trigger Current versus
Junction Temperature
Figure 8. Typical Gate Trigger Voltage versus
Junction Temperature
Figure 9. Typical Exponential Static dv/dt
versus Gate–MT1 Resistance, MT2(+)
Figure 10. Typical Exponential Static dv/dt
versus Peak Voltage, MT2(+)
Figure 11. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(+)
Figure 12. Typical Exponential Static dv/dt
versus Gate–MT1 Resistance, MT2(–)
8.0
6.0
4.0
2.0
0
TJ, JUNCTION TEMPERATURE (°C)
0.9
0.8
0.7
0.6
0.5
TJ, JUNCTION TEMPERATURE (°C)
0.4
0.3
100
200
24
22
20
18
16
RGK, GATE–MT1 RESISTANCE (OHMS)
400
450
500
20
VPK, PEAK VOLTAGE (VOLTS)
15
10
550
600
110
115
100
105
120
25
20
15
10
TJ, JUNCTION TEMPERATURE (°C)
30
RGK, GATE–MT1 RESISTANCE (OHMS)
40
60
80
–40
–20
0
20
100 110
40
60
80
–40
–20
0
20
100 110
300
400
500
600
700
800
900
1000
25
30
100
200
11
10.5
10
9.5
9.0
300
400
500
600
700
800
900
1000
VPK = 400 V
500 V
600 V
TJ = 110°C
VPK = 400 V
500 V
600 V
TJ = 100°C
110
°C
120
°C
VPK = 400 V
500 V
600 V
TJ = 110°C
Q4
Q3
Q2
Q1
Q4
Q3
Q2
Q1
RG–MT1 = 510 W
RG–MT1 = 510 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com