Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6012 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6012
Description  Stepper Motor Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6012 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6012 Datasheet HTML 1Page - Micro Analog systems MAS6012 Datasheet HTML 2Page - Micro Analog systems MAS6012 Datasheet HTML 3Page - Micro Analog systems MAS6012 Datasheet HTML 4Page - Micro Analog systems MAS6012 Datasheet HTML 5Page - Micro Analog systems MAS6012 Datasheet HTML 6Page - Micro Analog systems MAS6012 Datasheet HTML 7Page - Micro Analog systems MAS6012 Datasheet HTML 8Page - Micro Analog systems MAS6012 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DA6012.000
30 June 2008
3 (9)
OPERATION DESCRIPTION
MAS6012 is a stepper motor driver IC specifically
designed to drive bipolar stepper motors of pointers
in a car and motorcycle dashboard and in the other
similar applications.
The IC is operated from single 5V supply. Each
stepper motor output is controlled by two digital
control signal inputs, FSCX and CW. Each rising
edge of FSCX stepping clock input causes stepper
motor to step one microstep (15 degree angular
rotation of rotor) ahead. Rotation direction is
determined by CW rotation direction selection
signal. High CW selects clockwise direction and low
CW selects counterclockwise direction. Each of the
four stepper motor drivers (A, B, C, D) have their
own FSCX and CW control inputs.
For each of the motors there are four outputs.
Outputs OUTx1 and OUTx2 are for driving first
motor coil and outputs OUTx3 and OUTx4 are for
driving second motor coil where x is one of the four
motor drivers A, B, C or D. The output signal
waveforms consist of digitized sine waves which
have 60° phase shift (see figure 2).
The device has common XRESET master reset
control input for resetting stepper motor outputs to
initial state. The initial state corresponds to step
number 1 state (see figure 2). XRESET is active
low. Each digital input has a glitch filter for
eliminating effects of electrical disturbances at the
control inputs.
It is recommended to keep XRESET signal low
(active) during power up until the supply voltage
VDD has risen up.
MAS6012 Microstepping Output Waveform
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5 17.5 18.5 19.5 20.5 21.5 22.5 23.5 24.5
Step [No]
OUTx1-OUTx2
OUTx4-OUTx3
Phase shift 60°°°°
(4 steps)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Figure 2. MAS6012 Microstepping Output Waveform (x=A, B, C or D)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com