Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6012 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6012
Description  Stepper Motor Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6012 Datasheet(HTML) 8 Page - Micro Analog systems

  MAS6012 Datasheet HTML 1Page - Micro Analog systems MAS6012 Datasheet HTML 2Page - Micro Analog systems MAS6012 Datasheet HTML 3Page - Micro Analog systems MAS6012 Datasheet HTML 4Page - Micro Analog systems MAS6012 Datasheet HTML 5Page - Micro Analog systems MAS6012 Datasheet HTML 6Page - Micro Analog systems MAS6012 Datasheet HTML 7Page - Micro Analog systems MAS6012 Datasheet HTML 8Page - Micro Analog systems MAS6012 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DA6012.000
30 June 2008
8 (9)
PACKAGE (TSSOP-28) OUTLINES
b
b
R
A
A
VIEW A-A
B
B
E
E1
e
A
A2
A1
D
b
c
c1
b1
GAUGE PLANE
0.25
VIEW B-B
12°REF
12°REF
L
L1
S
1.0 DIA.
0.13 DEEP
e/ 2
1
Z
D
Dimension
Min
Max
Unit
A
1.20
mm
A1
0.05
0.10
mm
A2
0.90
mm
D
9.70 ± 0.05
mm
E
6.10 ± 0.10
mm
E1
4.40 ± 0.10
mm
L
0.60 + 0.15 / - 0.10
mm
L1
1.00
mm
e
0.65
mm
b
0.22 ± 0.05
mm
c
0.13
0.20
mm
ZD
0.625
mm
Dimensions do not include mold flash, protrusions, or gate burrs.
All dimensions are in accordance with JEDEC standard MO-153.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com