Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13821 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13821 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© Freescale Semiconductor, Inc., 2005–2009. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: MC13821
Rev. 1.5, 09/2009
MC13821
Package Information
Plastic Package
Case 1345
(QFN–12)
Ordering Information
Device
Device Marking or
Operating
Temperature Range
Package
MC13821
821
QFN-12
1
Introduction
The MC13821 is a high gain LNA with extremely low
noise figure, designed for cellular, GPS and ISM band
applications. An integrated bypass switch is included to
preserve input intercept performance. The input and
output match are external to allow maximum design
flexibility. The MC13821 is fabricated using Freescale's
advanced RF BiCMOS process using the SiGe:C option
and is packaged in the QFN-12 leadless package.
1.1
Features
•
RF Input Frequency: 1000 MHz to 2.4 GHz
•
Gain: 16.4 dB (typ) at 1960 MHz and 15.7 dB
(typ) at 2140 MHz
•
Output 3rd Order Intercept Point (OIP3): 17.4
dBm (typ) at 1960 MHz and 19.7 dBm (typ) at
2140 MHz
•
Noise Figure (NF): 1.25 dB (typ) at 1960 MHz
and 1.3 dB (typ) at 2140 MHz
•
1dB Compression Point (P1dB): -6 dBm (typ) at
1960 MHz and -5 dBm (typ) at 2140 MHz
MC13821
Low Noise Amplifier with Bypass
Switch
Contents:
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Electrical Specifications . . . . . . . . . . . . . . . . 3
3 Application Information . . . . . . . . . . . . . . . . 10
4 Printed Circuit Board . . . . . . . . . . . . . . . . . . 28
5 Scattering Parameters . . . . . . . . . . . . . . . . . 32
6 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
7 Reference Documentation . . . . . . . . . . . . . . 42
8 Revision History . . . . . . . . . . . . . . . . . . . . . . 42


Similar Part No. - MC13821

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Freescale Semiconductor...
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
More results

Similar Description - MC13821

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
Low Noise Amplifier with Bypass Switch
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com