Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13821 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Application Information
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
13
Power Gain
High Gain
Bypass
G
16
-6
17.7
-5.0
18.7
-4
dB
Output Third Order Intercept Point
High Gain
Bypass
OIP3
16
18
18.5
21.7
20.5
—
dBm
Input Third Order Intercept Point
High Gain
Bypass
IIP3
-1
24
0.5
26
1.5
27
dBm
Out Ref P1dB
High Gain
Bypass
P1dBout
6
—
8
—
9.7
—
dBm
In Ref P1dB
High Gain
Bypass
P1dBin
-11
—
-10
—
-9
—
dBm
Noise Figure
High Gain
Bypass
NF
1.0
3.9
1.25
4.8
1.45
6
dB
Current Drain
High Gain
Bypass
ICC
2.3
2.0
2.8
4.0
3.3
20
mA
µA
Rbias R1 Value
—
2.0
—
k
Ω
Rstability R2 Value
—
680
—
Ω
Input Return Loss
High Gain
Bypass
S11
—
—
-13.5
-9.0
-10
-7
dB
Gain
High Gain
Bypass
S21
16
-6
17.7
-4.1
18.7
-3.1
dB
Reverse Isolation
High Gain
Bypass
S12
-22
-3
-22.9
-4.3
—
—
dB
Output Return Loss
High Gain
Bypass
S22
—
—
-10.8
-7.2
-9
-5
dB
Table 6. Typical 1575 MHz LNA Demo Board Performance (continued)
(Resistor values of R1 and R2 are changed for different ICC and IP3 requirements.)
Characteristic
Symbol
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com