Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF155D Datasheet(PDF) 1 Page - MMD Components

Part # TF155D
Description  1.5mm X 5mm Cylindrical
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

TF155D Datasheet(HTML) 1 Page - MMD Components

  TF155D Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision TF092308E
TF Series Crystal
1.5mm X 5mm Cylindrical
2mm X 6mm Cylindrical
3mm X 8mm Cylindrical
RoHS Compliant Available
ELECTRICAL SPECIFICATIONS:
Series
TF155
TF206
TF308
Frequency Range
32kHz to 120kHz
32kHz to 100kHz
29kHz to 40kHz
Frequency Tolerance
±30ppm to ±100ppm
±20ppm to ±100ppm
±30ppm to ±100ppm
Frequency Stability
-.034(±0.006)ppm/°C
2(t-to)2
-.034(±0.006)ppm/°C
2(t-to)2
-.034(±0.006)ppm/°C
2(t-to)2
Turnover Temperature (To)
+25°C ±5°C
+25°C ±5°C
+25°C ±5°C
Operating Temperature Range
-10°C to +60°C
-10°C to +60°C
-10°C to +60°C
Storage Temperature Range
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Aging
±5ppm / 1
st yr max
±5ppm / 1
st yr max
±5ppm / 1
st yr max
Shunt Capacitance
0.8pF – 1.7pF typ*
0.8pF – 1.7pF typ*
0.8pF – 1.7pF typ*
Equivalent Series Resistance
10K ohms max
35K ohms max
35K ohms max
Load Capacitance
12.5pF of specify
12.5pF of specify
12.5pF of specify
Drive Level
1µW max
1µW max
1µW max
Motional Capacitance
1fF – 4fF*
1fF – 4fF*
1fF – 4fF*
Capacitance Ratio
425-800 typ*
425-800 typ*
425-800 typ*
*Indicates that the spec given varies depending on frequency
Insulation Resistance
500M ohms minimum / DC 100VDC ±15VDC
Hermeticity of Seal
1 x 10
-2mPa (m3/s) max
Shock Resistance
±5ppm max (drop test onto a hard wooden board from 75cm
MECHANICALS DETAIL:
DIMENSIONS IN BRACKETS ARE INCHES
A
B
C
D
E
Series
A
B
C
D
E
0.45 [.018]
0.2 [.008]
4.3 [.169]
5.1 [.201]
1.5 [.059]
TF155
0.7 [.028]
0.26 [.010]
10.0 [.394]
6.2 [.244]
2.1 [.083]
0.8 [0.031]
0.3 [.012]
10.0 [.394]
8.2 [3.23]
3.1 [.122]
TF308
TF206
PART NUMBER GUIDE:
Load Capacitance
Blank = 12.5pF
Or Specify
Frequency
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Please Consult with MMD Sales Deparment for any other Parameters or Options
Frequency
Stability
B = ±30 ppm
C = ±50 ppm
D = ±100 ppm
E = ±1000 ppm
F = ±10000 ppm
A = ±20 ppm
Series
TF155
TF206
TF308
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - TF155D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF155 ETC2-TF155 Datasheet
130Kb / 4P
1.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF155 TAITRON-TF155 Datasheet
132Kb / 4P
1.5A Fast Recovery Rectifier
TF155G TAITRON-TF155G Datasheet
130Kb / 4P
1.5A Glass Passivated Fast Recovery Rectifier
More results

Similar Description - TF155D

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-433 LUCKY-LIGHT-GB-433 Datasheet
41Kb / 1P
Cylindrical Type LED Lamps (5mm)
logo
BetLux Electronics
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
5mm Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L542 BETLUX-BL-L542 Datasheet
237Kb / 4P
5mm Cylindrical LED lamp, FLAT TOP
REV NO: V.2
BL-L543 BETLUX-BL-L543 Datasheet
240Kb / 4P
5mm Cylindrical LED lamp, FLAT TOP
REV NO: V.2
logo
P-tec Corporation
PL00190-WCA02 P-TEC-PL00190-WCA02 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCG10 P-TEC-PL00190-WCG10 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
5mm Cylindrical Yellow LED Lamp
logo
LUMEX INC.
SML-LX1204USBCRATR LUMEX-SML-LX1204USBCRATR_17 Datasheet
435Kb / 2P
3mm X 1.5mm Surface Mount
SML-LX1206GC-TR LUMEX-SML-LX1206GC-TR_17 Datasheet
418Kb / 2P
3mm X 1.5mm Surface Mount
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
2mm X 6mm Cylindrical
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com