Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6802AXIP Datasheet(PDF) 13 Page - Champion Microelectronic Corp.

Part # CM6802AXIP
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802AXIP Datasheet(HTML) 13 Page - Champion Microelectronic Corp.

Back Button CM6802AXIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 12Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 13Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 14Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 15Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 16Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 17Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.4
Champion Microelectronic Corporation
13
230VAC turn on 500ms turn off 100ms at 100%LOAD
Ch2 is AC input voltage which is 100V/div.
Ch3 is PFC stage Mosfet Drain current (zoom out)
Ch3 is PFC stage Mosfet drain current, CH4 is Vo (12V)
230VAC turn on 500ms turn off 10ms at 10%LOAD
Ch2 is AC input voltage which is 100V/div.
Ch3 is PFC stage Mosfet Drain current (zoom out)
Ch3 is PFC stage Mosfet drain current, CH4 is Vo (12V)
230VAC turn on 500ms turn off 10ms at 100%LOAD
Ch2 is AC input voltage which is 100V/div.
Ch3 is PFC stage Mosfet Drain current (zoom out)
Ch3 is PFC stage Mosfet drain current, CH4 is Vo (12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com