Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6802AXIP Datasheet(PDF) 21 Page - Champion Microelectronic Corp.

Part # CM6802AXIP
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802AXIP Datasheet(HTML) 21 Page - Champion Microelectronic Corp.

Back Button CM6802AXIP Datasheet HTML 17Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 18Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 19Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 20Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 21Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 22Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 23Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 24Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 25Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.4
Champion Microelectronic Corporation
21
In case of leading edge modulation, the switch is turned
OFF right at the leading edge of the system clock. When the
modulating ramp reaches the level of the error amplifier output
voltage, the switch will be turned ON. The effective duty-cycle
of the leading edge modulation is determined during OFF time
of the switch.
Figure 5 shows a leading edge control scheme.
One of the advantages of this control technique is that it
required only one system clock. Switch 1(SW1) turns off and
switch 2 (SW2) turns on at the same instant to minimize the
momentary “no-load” period, thus lowering ripple voltage
generated by the switching action. With such synchronized
switching, the ripple voltage of the first stage is reduced.
Calculation and evaluation have shown that the 120Hz
component of the PFC’s output ripple voltage can be reduced
by as much as 30% using this method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com