Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTH105048AS Datasheet(PDF) 1 Page - MMD Components

Part # MTH105048AS
Description  5 x 3.2 Ceramic SMD Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTH105048AS Datasheet(HTML) 1 Page - MMD Components

  MTH105048AS Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MTH Series – 5 x 3.2 Ceramic SMD Oscillator
Low Profile SMD Package
Hermetically Sealed
Stand-by Available
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.544MHZ to 133.000MHZ
Temperature Stability*
(See Part Number Guide for Options)
Aging (+25°C ±3°C)
±5ppm for first year
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (±10%)
+1.80 VDC
+2.50 VDC
+3.30 VDC
+5.00 VDC
1.544MHZ to 9.999MHZ
6mA
7mA
8mA
15mA
10.000MHZ to 35.999MHZ
7mA
8mA
10mA
20mA
35.000MHZ to 49.999MHZ
15mA
20mA
25mA
35mA
Supply Current
50.000MHZ to 133.000MHZ
25mA
30mA
35mA
40mA
Output Type
HCMOS
Symmetry (50% of waveform)
40%/60% (45%/55% option)
Rise/Fall Time (10% to 90% of Supply Voltage)
5nSec max
6nSec max
7nSec max
5nSec max
Load
15pF
Start-up Time
10mSec max
* Inclusive of Temperature., Load, Voltage and Aging
Pin 1 Function
Tri-state Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
Standby Current
10µA max
MECHANICAL DIMENSIONS:
5.20 [.205]
MAX
3.40 [.134]
MAX
1.60 [.063]
MAX
2.54 [.100]
2.54 [.100]
2.20 [.087]
1.40 [.055]
1.20 [.047]
1.20 [.047]
3
21
4
RECOMMENDED
LAND PATTERN
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
OUTPUT
PIN 3
SUPPLY VOLTAGE
PIN 1
PIN 2
PIN CONNECTIONS
CASE GROUND
PIN 4
1.10 [.043]
TRI-STATE OR
STANDBY
PART NUMBER GUIDE:
5 x 3.2 Ceramic SMD 4 Pads
MTH
Frequency
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Frequency
Stability
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
5 = +5.0VDC
3 = +3.3VDC
2 = +2.5VDC
1 = +1.8VDC
Symmetry
Blank = 40/60%
A = 45/55%
Pin 1 Connection
H = Tri-state
S = Standby
Value Added Options
Blank = No Added Options
T = Tape and Reel
H
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision 03/01/07 I


Similar Part No. - MTH105048AS

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
Designed for Extended Hold-Up Applications
MTH100 XPPOWER-MTH100 Datasheet
524Kb / 2P
Hold Up Module
16 Aug 2022
MTH100 XPPOWER-MTH100_V01 Datasheet
524Kb / 2P
Hold Up Module
16 Aug 2022
More results

Similar Description - MTH105048AS

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTBS MMD-MTTBS Datasheet
411Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MMUL MMD-MMUL Datasheet
173Kb / 2P
5 x 3.2 Custom Oscillator
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
logo
ILSI America LLC
ISM92-5151EH-20.000 ILSI-ISM92-5151EH-20.000 Datasheet
103Kb / 2P
3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92 ILSI-ISM92 Datasheet
113Kb / 2P
3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
logo
MMD Components
MSH MMD-MSH_13 Datasheet
104Kb / 2P
MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
MTH MMD-MTH_12 Datasheet
107Kb / 2P
MTH Series 5 x 3.2 Ceramic SMD Oscillator
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
TP53A TRANSKO-TP53A Datasheet
417Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.4: 07-28-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com