Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4640 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 41Page - SMSC Corporation USB4640 Datasheet HTML 42Page - SMSC Corporation USB4640 Datasheet HTML 43Page - SMSC Corporation USB4640 Datasheet HTML 44Page - SMSC Corporation USB4640 Datasheet HTML 45Page - SMSC Corporation USB4640 Datasheet HTML 46Page - SMSC Corporation USB4640 Datasheet HTML 47Page - SMSC Corporation USB4640 Datasheet HTML 48Page - SMSC Corporation USB4640 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
45
Revision 1.0 (06-09-09)
DATASHEET
8.4.4.14
EBh: Max Power For Bus-Powered Operation
8.4.4.15
ECh: Hub Controller Max Current For Self-Powered Operation
8.4.4.16
EDh: Hub Controller Max Current For Bus-Powered Operation
8.4.4.17
EEh: Power-On Time
BIT
BYTE NAME
DESCRIPTION
7:0
MAX_PWR_BP
Value in 2 mA increments that the hub consumes when operating as a bus-
powered hub. This value includes the hub silicon along with the combined
power consumption of all associated circuitry on the board. This value also
includes the power consumption of a permanently attached peripheral if the
hub is configured as a compound device, and the embedded peripheral
reports 0 mA in its descriptors.
BIT
BYTE NAME
DESCRIPTION
7:0
HC_MAX_C_SP
Value in 2 mA increments that the hub consumes when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption of all associated circuitry on the board. This value does
NOT include the power consumption of a permanently attached peripheral if
the hub is configured as a compound device.
Note:
The USB 2.0 Specification does not permit this value to exceed 100
mA.
A value of 50 (decimal) indicates 100 mA, which is the default value.
BIT
BYTE NAME
DESCRIPTION
7:0
HC_MAX_C_BP
Value in 2 mA increments that the hub consumes when operating as a bus-
powered hub. This value will include the hub silicon along with the combined
power consumption of all associated circuitry on the board. This value will
NOT include the power consumption of a permanently attached peripheral if
the hub is configured as a compound device.
A value of 50 (decimal) would indicate 100 mA, which is the default value.
BIT
BYTE NAME
DESCRIPTION
7:0
PWR_ON_TIME
The length of time that it takes (in 2 ms intervals) from the time the host
initiated power-on sequence begins on a port until power is adequate on that
port. If the host requests the power-on time, the system software uses this
value to determine how long to wait before accessing a powered-on port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com