Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4640 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 42Page - SMSC Corporation USB4640 Datasheet HTML 43Page - SMSC Corporation USB4640 Datasheet HTML 44Page - SMSC Corporation USB4640 Datasheet HTML 45Page - SMSC Corporation USB4640 Datasheet HTML 46Page - SMSC Corporation USB4640 Datasheet HTML 47Page - SMSC Corporation USB4640 Datasheet HTML 48Page - SMSC Corporation USB4640 Datasheet HTML 49Page - SMSC Corporation USB4640 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
46
SMSC USB4640/USB4640i
DATASHEET
8.4.4.18
EFh: Boost_Up
8.4.4.19
F0h: Boost_3:0
BIT
NAME
DESCRIPTION
7:2
Reserved
Reserved
1:0
BOOST_IOUT
USB electrical signaling drive strength boost bit for the upstream port ‘A’.
‘00’ = Normal electrical drive strength = No boost
‘01’ = Elevated electrical drive strength = Low (approximately 4% boost)
‘10’ = Elevated electrical drive strength = Medium (approximately 8% boost)
‘11’ = Elevated electrical drive strength = High (approximately 12% boost)
Note:
“Boost” could result in non-USB compliant parameters. OEM
should use a ‘00’ value unless specific implementation issues
require additional signal boosting to correct for degraded USB
signaling levels.
BIT
NAME
DESCRIPTION
7:6
Reserved
Reserved
5:4
BOOST_IOUT_3
Upstream USB electrical signaling drive strength boost bit for downstream
port ‘3’.
‘00’ = Normal electrical drive strength = No boost
‘01’ = Elevated electrical drive strength = Low (approximately 4% boost)
‘10’ = Elevated electrical drive strength = Medium (approximately 8% boost)
‘11’ = Elevated electrical drive strength = High (approximately 12% boost)
3:2
BOOST_IOUT_2
Upstream USB electrical signaling drive strength boost bit for downstream
port ‘2’.
‘00’ = Normal electrical drive strength = No boost
‘01’ = Elevated electrical drive strength = Low (approximately 4% boost)
‘10’ = Elevated electrical drive strength = Medium (approximately 8% boost)
‘11’ = Elevated electrical drive strength = High (approximately 12% boost)
Note:
“Boost” could result in non-USB Compliant parameters. OEM
should use a ‘00’ value unless specific implementation issues
require additional signal boosting to correct for degraded USB
signaling levels.
1:0
Reserved
Always reads ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com