Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5075AM-4 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5075AM-4
Description  VCXO Module IC with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5075AM-4 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5075AM-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —2
SERIES CONFIGURATION
VERSION NAME
Operating
supply voltage
range [V]
PAD layout
Recommended
operating frequency
range*1 [MHz]
*1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscil-
lation frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so
the oscillation characteristics of components must be carefully evaluated.
Output frequency and version name*2
*2. Versions in parentheses ( ) are under development.
fO output
fO/2 output
fO/4 output
fO/8 output
fO/16 output
2.25 to 3.63
Flip Chip Bonding
20 to 40
(5075A1)
(5075A2)
(5075A3)
(5075A4)
(5075A5)
40 to 55
(5075AJ)
(5075AK)
(5075AL)
(5075AM)
(5075AN)
Wire Bonding
20 to 40
5075B1
(5075B2)
(5075B3)
(5075B4)
(5075B5)
40 to 55
5075BJ
(5075BK)
(5075BL)
(5075BM)
(5075BN)
Device
Package
Version name
WF5075
××–4
Wafer form
CF5075
××–4
Chip form
WF5075
−4
Form WF: Wafer form
CF: Chip (Die) form
Oscillation frequency range, frequency divider function
Pad layout type A: for Flip Chip Bonding
B: for Wire Bonding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com