Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5075AM-4 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5075AM-4
Description  VCXO Module IC with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5075AM-4 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5075AM-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —6
5075
×J to 5075×N
VDD = 2.25 to 3.63V, VC = 0.5VDD, VSS = 0V, Ta = –40 to +85°C unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Current consumption
IDD
5075
×J (fO), Measurement circuit 1,
no load, fO = 48MHz, fOUT = 48MHz
VDD = 2.5V
–
1.2
2.4
mA
VDD = 3.3V
–
1.6
3.2
mA
5075
×K (fO/2), Measurement circuit 1,
no load, fO = 48MHz, fOUT = 24MHz
VDD = 2.5V
–
0.9
1.8
mA
VDD = 3.3V
–
1.3
2.6
mA
5075
×L (fO/4), Measurement circuit 1,
no load, fO = 48MHz, fOUT = 12MHz
VDD = 2.5V
–
0.8
1.6
mA
VDD = 3.3V
–
1.0
2.0
mA
5075
×M (fO/8), Measurement circuit 1,
no load, fO = 48MHz, fOUT = 6MHz
VDD = 2.5V
–
0.7
1.4
mA
VDD = 3.3V
–
0.9
1.8
mA
5075
×N (fO/16), Measurement circuit 1,
no load, fO = 48MHz, fOUT = 3MHz
VDD = 2.5V
–
0.7
1.4
mA
VDD = 3.3V
–
0.9
1.8
mA
HIGH-level output voltage
VOH
Q pin, Measurement circuit 2, IOH = –2.8mA
VDD – 0.4
–
–
V
LOW-level output voltage
VOL
Q pin, Measurement circuit 2, IOL = 2.8mA
–
–
0.4
V
Oscillator block built-in
resistance
RVC1
Measurement circuit 3
210
420
840
k
Ω
RVC2
210
420
840
k
Ω
Oscillator block built-in
capacitance
CVC1
Design value (a monitor pattern on a
wafer is tested), Excluding parasitic
capacitance.
VC = 0.3V
–
5.6
–
pF
VC = 1.65V
–
3.1
–
pF
VC = 3.0V
–
1.5
–
pF
CVC2
VC = 0.3V
–
8.4
–
pF
VC = 1.65V
–
4.7
–
pF
VC = 3.0V
–
2.3
–
pF
VC input resistance
RVIN
Measurement circuit 4, Ta = 25
°C10
–
–
M
Ω
VC input impedance
ZVIN
Measurement circuit 5, VC = 0V, f = 10kHz, Ta = 25°C
(a monitor pattern on a wafer is tested)
–
450
–
k
Ω
VC input capacitance
CVIN
Measurement circuit 5, VC = 0V, f = 10kHz, Ta = 25°C
(a monitor pattern on a wafer is tested)
–37–
pF
Modulation
characteristics*1
*1. The modulation characteristics may vary with the crystal used.
fm
Measurement circuit 6, –3dB frequency, VDD = 3.3V,
VC = 3.3Vp-p, Ta = 25°C, fO = 48MHz
–23–
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com