Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY54020R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY54020R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020R Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY54020R Datasheet HTML 1Page - Micrel Semiconductor SY54020R Datasheet HTML 2Page - Micrel Semiconductor SY54020R Datasheet HTML 3Page - Micrel Semiconductor SY54020R Datasheet HTML 4Page - Micrel Semiconductor SY54020R Datasheet HTML 5Page - Micrel Semiconductor SY54020R Datasheet HTML 6Page - Micrel Semiconductor SY54020R Datasheet HTML 7Page - Micrel Semiconductor SY54020R Datasheet HTML 8Page - Micrel Semiconductor SY54020R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SY54020R
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout
Buffer with /EN and Fail-Safe Input
3.2Gbps, 2.5GHz
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2009
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY54020R is a fully differential, low voltage
1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with active-low
Enable (/EN) and Fail-Safe Input (FSI). The Enable is
synchronous
so
that
the
outputs
will
only
be
enabled/disabled when they are already in the LOW
state. This avoids any chance of generating a runt clock
pulse when the device is enabled/disabled as can
happen with an asynchronous control. When this device
is used as a clock fanout, disabling the downstream
clock may reduce system power. FSI is a special circuit
designed to sense the amplitude of the input signal and
to latch the output when an invalid or no signal is
present at the input. The SY54020R can process clock
signals up to 2.5 GHz or data patterns up to 3.2Gbps.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that interfaces to LVPECL,
LVDS or CML differential signals as small as 100mV
(200mVpp) without any level-shifting or termination
resistor networks in the signal path. For AC-coupled
input
interface
applications,
an
internal
voltage
reference is provided to bias the VT pin. The outputs are
CML, with extremely fast rise/fall times guaranteed to be
less than 100ps.
The SY54020R operates from a 2.5V ±5% core supply
and a 1.2V, 1.8V or 2.5V ±5% output supply and is
guaranteed over the full industrial temperature range
(–40°C to +85°C).
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with FSI
• Active-low Enable (/EN) input to disable the outputs
• Guaranteed AC performance over temperature and
voltage:
– DC-to > 3.2Gbps Data throughput
– DC-to > 2.5GHz Clock throughput
– <400 ps propagation delay (IN-to-Q)
– <20ps within-device skew
– <100 ps rise/fall times
• Ultra-low jitter design
– <1psRMS cycle-to-cycle jitter
• High-speed CML outputs
• 2.5V ±5% V
CC , 1.2/1.8V/2.5V ±5% VCCO power supply
operation
• Industrial temperature range: –40°C to +85°C
• Available in 16-pin (3mm x 3mm) MLF® package
Applications
• SONET clock and data distribution
• Fibre Channel clock and data distribution
• Gigabit Ethernet clock and data distribution
Markets
• Storage
• ATE
• Test and measurement
• Enterprise networking equipment
• High-end servers
• Access
• Metro area network equipment


Similar Part No. - SY54020R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020RMG MICREL-SY54020RMG Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020RMGTR MICREL-SY54020RMGTR Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
More results

Similar Description - SY54020R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016R MICREL-SY54016R Datasheet
819Kb / 13P
Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54017R MICREL-SY54017R Datasheet
631Kb / 15P
Low Voltage 1.2V/1.8V CML 2:1 MUX with Fail Safe Inputs, 3.2Gbps, 2.5GHz
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com