Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY54020R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY54020R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020R Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY54020R Datasheet HTML 1Page - Micrel Semiconductor SY54020R Datasheet HTML 2Page - Micrel Semiconductor SY54020R Datasheet HTML 3Page - Micrel Semiconductor SY54020R Datasheet HTML 4Page - Micrel Semiconductor SY54020R Datasheet HTML 5Page - Micrel Semiconductor SY54020R Datasheet HTML 6Page - Micrel Semiconductor SY54020R Datasheet HTML 7Page - Micrel Semiconductor SY54020R Datasheet HTML 8Page - Micrel Semiconductor SY54020R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
SY54020R
April 2009
4
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ............................... –0.5V to +3.0V
Supply Voltage (VCCO) ............................. –0.5V to +2.7V
VCC - VCCO ...............................................................<1.8V
VCCO - VCC ...............................................................<0.5V
Input Voltage (VIN) ............................–0.5V to VCC + 0.5V
CML Output Voltage (VOUT) ............... 0.6V to VCCO+0.5V
Current (VT)
Source or sink current on VT pin .................±100mA
Input Current
Source or sink current on (IN, /IN) .................±50mA
Maximum operating Junction Temperature .......... 125°C
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) ....................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)..........................2.375V to 2.625V
(VCCO)………………….1.14V to 2.625V
Ambient Temperature (TA) ................... –40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
Still-air (
θ
JA) ............................................ 75°C/W
Junction-to-board (
ψ
JB) ......................... 33°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
VCC
VCCO
VCCO
VCCO
2.375
1.14
1.7
2.375
2.5
1.2
1.8
2.5
2.625
1.26
1.9
2.625
V
V
V
V
ICC
Power Supply Current
Max. VCC
42
58
mA
ICCO
Power Supply Current
No Load. VCCO
64
84
mA
RIN
Input Resistance
(IN-to-VT, /IN-to-VT )
45
50
55
Ω
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
Ω
VIH
VIL
Input HIGH Voltage
(IN, /IN)
Input LOW Voltage
(IN, /IN)
IN, /IN
Min. VIL with VIH = 1.2V
1.2
0.2
VCC
VIH–0.1
V
V
VIH
VIL
Input HIGH Voltage
(IN, /IN)
Input LOW Voltage
(IN, /IN)
IN, /IN
VIL with VIH = 1.14V, (1.2V-5%)
1.14
0.66
VCC
VIH–0.1
V
V
VIN
Input Voltage Swing
(IN, /IN)
see Figure 3a
0.1
1.0
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
see Figure 3b
0.2
2.0
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this datasheet. Exposure to absolute maximum ratings conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
ψ
JB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com