Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR150 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR150
Description  Axial Lead Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR150 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR150 Datasheet HTML 1Page - Motorola, Inc MBR150 Datasheet HTML 2Page - Motorola, Inc MBR150 Datasheet HTML 3Page - Motorola, Inc MBR150 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR150 MBR160
2
Rectifier Device Data
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Forward Power Dissipation
1.4
vF, INSTANTANEOUS VOLTAGE (VOLTS)
10
1.0
VR, REVERSE VOLTAGE (VOLTS)
40
70
0
0.1
0.05
0.001
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
4.0
2.0
0
2.0
0.1
0.6
0.2
0.4
0.8
1.0
50
60
10
20
30
10
3.0
4.0
5.0
0
1.6
5.0
3.0
1.0
0.2
0.5
1.0
0.02
0.01
0.005
0.002
TJ = 150°C
100
°C
25
°C
IPK/IAV = 20
SQUARE
WAVE
dc
10
5
TJ = 150°C
*The curves shown are typical for the highest voltage device in the volt-
age grouping. Typical reverse current for lower voltage selections can
be estimated from these same curves if VR is sufficiently below rated VR.
125
°C
5.0
2.0
100
°C
75
°C
25
°C
1.2
0.07
0.05
0.03
0.02
0.2
0.3
0.5
0.7
2.0
3.0
5.0
7.0
p
THERMAL CHARACTERISTICS
Figure 4. Thermal Response
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1 k
2 k
5 k
10 k
0.07
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.7
0.5
0.3
0.2
1.0
Z
θJL(t) = ZθJL • r(t)
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
∆TJL = Ppk • RθJL [D + (1 – D) • r(t1 + tp) + r(tp) – r(t1)]
where
∆TJL = the increase in junction temperature above the lead temperature
r(t) = normalized value of transient thermal resistance at time, t, from Figure 4, i.e.:
r(t) = r(t1 + tp) = normalized value of transient thermal resistance at time, t1 + tp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com