Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS525 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS9LPRS525
Description  56-pin CK505 for Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS525 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS9LPRS525 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ICS9LPRS525
PC MAIN CLOCK
21
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015
408-284-8200
Fax: 408-284-2775
For Tech Support
408-284-6578
pcclockhelp@idt.com
Corporate Headquarters
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road
San Jose, CA 95138
United States
800 345 7015
+408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology
Singapore (1997) Pte. Ltd.
Reg. No. 199707558G
435 Orchard Road
#20-03 Wisma Atria
Singapore 238877
+65 6 887 5505
Europe
IDT Europe, Limited
Prime House
Barnett Wood Lane
Leatherhead, Surrey
United Kingdom KT22 7DE
+44 1372 363 339
© 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated
Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks
or registered trademarks used to identify products or services of their respective owners.
Printed in USA
TM
This product is protected by United States Patent NO. 7,342,420 and other patents.
Revision History
Rev.
Issue Date Description
Page #
0.1
7/21/2008
Initial Release
-
0.2
08/060/08
1. Updated pinout to remove Vout reference on pin 40
2. Updated VDD_IO pin descriptions to show 1.05V to 3.3V operation
1, 3
0.3
8/8/2008
1. Fixed Pagination of Pin Descriptions
2. Changed reference to PCI3 Config Table in Pindes to match table name
3. Added Byte 29 for Slew Rate control
2,3,17
0.4
10/10/2008
1) Byte 11, bit 5 is now reserved.
2) Byte 29, bits 7:6 default to 0.8X slew rate (‘10’)
3) Removed reference to STOP drive mode in Power management table.
4) Corrected REF slew rate control from Byte 29b3 to Byte 29b2.
5) Clarified description of Byte 11, bits 2 and 3 to reflect CK505 ME clock selection table.
6) Marked as Reserved all bits that are not in the 56-pin version of the device
Various
0.5
4/28/2009
1) updated tables 2, 6 and 7 to clarify interaction of Config Modes with SRC1
2) Updated ordering revision to A
10, 11, 19,
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com