Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS525 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9LPRS525
Description  56-pin CK505 for Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS525 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9LPRS525 Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IDTTM/ICSTM
PC MAIN CLOCK
1484A—04/28/09
ICS9LPRS525
PC MAIN CLOCK
3
Pin Description (continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
25
SRCC3_LRS/CR#_D
I/O
Complementary clock of low power differential SRC clock pair with integrated 33 ohm Rs/ Clock Request control D for either SRC1 or SRC4 pair.
The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request control of SRC pair 1 or SRC pair 4 via SMBus. Before
configuring this pin as a Clock Request Pin, the SRC output must first be disabled in byte 4, bit 7 of SMBus address space . After the SRC output is
disabled, the pin can then be set to serve as a Clock Request pin for either SRC pair 1 or pair 4 using the CRD#_EN bit located in byte 5 of SMBUs
address space.
Byte 5, bit 1
0 = SRC3 enabled (default)
1= CRD# enabled. Byte 5, bit 0 controls whether CRD# controls SRC1 or SRC4 pair
Byte 5, bit 0
0 = CRD# controls SRC1 pair (default),
1= CRD# controls SRC4 pair
26
VDDSRCIO
PWR
Power supply for SRC outputs. 1.05V to 3.3V.
27
SRCT4_LRS
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm Rs.
28
SRCC4_LRS
OUT
Complement clock of low power differential SRC clock pair with 33 ohm integrated Rs.
29
CPU_STOP#/SRCC5_LRS
I/O
Stops all CPUCLK, except those set to be free running clocks /
Complement clock of low power differential SRC pair with 33 ohm integrated Rs.
30
PCI_STOP#/SRCT5_LRS
I/O
Stops all PCICLKs at logic 0 level, when low. Free running PCICLKs are not effected by this input. / True clock of low power differential SRC pair
with integrated 33 ohm Rs.
31
VDDSRC
PWR
Supply for SRC PLL, 3.3V nominal
32
SRCC6_LRS
OUT
Complement clock of low power differential SRC clock pair with 33 ohm integrated Rs.
33
SRCT6_LRS
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm Rs.
34
GNDSRC
PWR
Ground pin for the SRC outputs
35
SRCC7_LRS/CR#_E
I/O
Complement clock of differential push-pull SRC clock pair with 33 ohm integrated Rs. / Clock Request control E for SRC6 pair. The power-up default
is SRC7#, but this pin may also be used as a Clock Request control of SRC6 via SMBus. Before configuring this pin as a Clock Request Pin, the
SRC7 output pair must first be disabled in byte 3, bit 3 of SMBus configuration space . After the SRC output is disabled (high-Z), the pin can then be
set to serve as a Clock Request for SRC6 pair using byte 6, bit 7 of SMBus configuration space
Byte 6, bit 7
0 = SRC7# enabled (default)
1= CRE# enabled.
36
SRCT7_LRS/CR#_F
I/O
True clock of differential push-pull SRC clock pair/ Clock Request control 8 for SRC8 pair
The power-up default is SRC7, but this pin may also be used as a Clock Request control of SRC8 via SMBus. Before configuring this pin as a Clock
Request Pin, the SR
37
VDDSRCIO
PWR
Power supply for SRC outputs. 1.05V to 3.3V.
38
CPUC2_ITP_LRS/SRCC8_LRS
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair. 33 ohm Rs is integrated. The function of this pin is
determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
39
CPUT2_ITP_LRS/SRCT8_LRS
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. 33 ohm Rs is integrated. The function of this pin is determined by the
latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
40
NC
N/A
No Connect
41
VDDCPUIO
PWR
Power supply for CPU outputs, 1.05V to 3.3V.
42
CPUC1_F_LRS
OUT
Complementary clock of low power differential push-pull CPU output with integrated 33 ohm Rs. This CPU clock is free running during iAMT.
43
CPUT1_F_LRS
OUT
True clock of differential push-pull CPU clock pair with integrated 33 ohm Rs. This clock is free running during iAMT.
44
GNDCPU
PWR
Ground pin for the CPU outputs
45
CPUC0_LRS
OUT
Complement clock of low power differential CPU clock pair with integrated 33 ohm Rs.
46
CPUT0_LRS
OUT
True clock of low power differential CPU clock pair with integrated 33 ohm Rs.
47
VDDCPU
PWR
Supply for CPU PLL, 3.3V nominal
48
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
49
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time
input to select between Hi-Z and REF/N divider mode while in test mode. Refer to Test Clarification Table.
50
GNDREF
PWR
Ground pin for the REF outputs.
51
X2
OUT
Crystal output, Nominally 14.318MHz
52
X1
IN
Crystal input, Nominally 14.318MHz.
53
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
54
REF0/FSLC/TEST_SEL
I/O
14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values.
/TEST_Sel: 3-level latched input to enable test mode. Refer to Test Clarification Table
55
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
56
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com