Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1390GV Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1390GV
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1390GV Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1390GV Datasheet HTML 1Page - Clare, Inc. CPC1390GV Datasheet HTML 2Page - Clare, Inc. CPC1390GV Datasheet HTML 3Page - Clare, Inc. CPC1390GV Datasheet HTML 4Page - Clare, Inc. CPC1390GV Datasheet HTML 5Page - Clare, Inc. CPC1390GV Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1390
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
120
100
I
F=5mA
CPC1390
Typical Turn-On vs. Temperature
(I
L=100mADC)
Temperature (ºC)
I
F=10mA
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
-20
0
20
40
60
80
100
CPC1390
Typical Turn-Off vs. Temperature
(I
L=100mADC, IF=5mA)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=5mA
I
F=10mA
CPC1390
Typical LED Forward Voltage Drop
vs. Temperature
Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
CPC1390
Typical Turn-On vs. LED Forward Current
(T
A=25ºC, IL=140mADC)
Forward Current (mA)
0
5
1015202530354045
0.12
0.10
0.08
0.06
0.04
0.02
0
50
CPC1390
Typical Turn-Off vs. LED Forward Current
(T
A=25ºC, IL=140mADC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1390
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
CPC1390
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
0
1.5
1.0
0.5
2.0 2.5
CPC1390
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=5mA)
Time
10
μs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
μs
100ms
1s
10ms
10s
100s
CPC1390
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com