Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB716STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCB716STR
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB716STR Datasheet(HTML) 3 Page - Clare, Inc.

  LCB716STR Datasheet HTML 1Page - Clare, Inc. LCB716STR Datasheet HTML 2Page - Clare, Inc. LCB716STR Datasheet HTML 3Page - Clare, Inc. LCB716STR Datasheet HTML 4Page - Clare, Inc. LCB716STR Datasheet HTML 5Page - Clare, Inc. LCB716STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCB716
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage Drop (V)
1.220
1.225
1.230
1.235
1.240
1.245
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
On-Resistance (
Ω)
1.49
1.53
1.57
1.61
1.65
1.69
0
5
10
15
20
Typical On-Resistance
(N=50, T
A=25ºC, IL=5mA, IF=0mA)
Blocking Voltage (V
P)
75
76
77
78
79
80
0
5
10
15
20
Typical Blocking Voltage
(N=50, T
A=25ºC, IF=2mA)
LED Forward Current (mA)
0.16
0.17
0.18
0.19
0.20
0.21
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=200mA)
Turn-On Time (ms)
0.507
0.530
0.553
0.576
0.599
0.622
0
5
10
15
20
Typical Turn-On Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Turn-Off Time (ms)
0.63
0.67
0.71
0.75
0.79
0.83
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Typical Load Current vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
Typical Leakage vs.Temperature
Measured Across Pins 7&8
(I
F=5mA, VL=60V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
80
82
84
86
88
90
92
94
Typical Blocking Voltage vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
200
300
400
500
600
700
800
Typical Turn-On vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Typical Turn-Off vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
417
418
419
420
421
422
423
Typical Turn-On vs. LED Forward Current
(I
L=100mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com