Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB716STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCB716STR
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB716STR Datasheet(HTML) 4 Page - Clare, Inc.

  LCB716STR Datasheet HTML 1Page - Clare, Inc. LCB716STR Datasheet HTML 2Page - Clare, Inc. LCB716STR Datasheet HTML 3Page - Clare, Inc. LCB716STR Datasheet HTML 4Page - Clare, Inc. LCB716STR Datasheet HTML 5Page - Clare, Inc. LCB716STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCB716
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Current (ma)
0
1020
304050
0
0.5
1.0
1.5
2.0
2.5
Typical Turn-Off vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Typical On-Resistance vs. Temperature
(I
L=100mA, IF=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1-Form-B Relay
Energy Rating Curve
Load Voltage (V)
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Typical Load Voltage vs. Load Current
(T
A=25ºC, IF=0mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com