Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263-2ES Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLE4263-2ES
Electrical Characteristics
Data Sheet
8
Rev. 1.0, 2008-04-21
5
Electrical Characteristics
5.1
Voltage Regulator
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤150 °C, VINH > 3.6 V; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Output Voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ IQ ≤ 150 mA;
6 V
≤ VI ≤ 28 V
5.1.2
Output Voltage
V
Q
4.90
5.00
5.10
V
6 V
≤ VI ≤ 32 V;
I
Q = 100 mA;
T
j = 100 °C
5.1.3
Output Current Limitation
I
Q,max
180
250
400
mA
V
Q =4.8 V
5.1.4
Dropout voltage
V
dr
–0.35
0.60
V
I
Q = 150 mA
1)
1) Drop voltage =
V
i - VQ (measured when the output voltage has dropped 100 mV from the nominal value obtained at 6 V
input).
5.1.5
Load regulation
∆VQ,lo
––25
mV
I
Q = 5 mA to 150 mA
5.1.6
Line regulation
∆VQ.li
–325
mV
V
I = 6 V to 28 V;
I
Q = 150 mA
5.1.7
Power Supply Ripple
Rejection2)
2) Not subject to production test, specified by design.
PSRR
–54
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com