Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4267 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4267 Datasheet HTML 6Page - Infineon Technologies AG TLE4267 Datasheet HTML 7Page - Infineon Technologies AG TLE4267 Datasheet HTML 8Page - Infineon Technologies AG TLE4267 Datasheet HTML 9Page - Infineon Technologies AG TLE4267 Datasheet HTML 10Page - Infineon Technologies AG TLE4267 Datasheet HTML 11Page - Infineon Technologies AG TLE4267 Datasheet HTML 12Page - Infineon Technologies AG TLE4267 Datasheet HTML 13Page - Infineon Technologies AG TLE4267 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet
10
Rev. 2.5, 2007-03-20
TLE 4267
Delay time
t
D
–20
–
ms
C
d = 100 nF
Lower delay switching
threshold
V
LD
–0.43
–
V
–
Reset reaction time
t
RR
–2–
µs
C
d = 100 nF
Inhibit
Turn on voltage
V
U,INH
–34V
IC turned on
Turn off voltage
V
L,INH
2––V
IC turned off
Pull-down resistor
R
INH
50
100
200
k
Ω
–
Hysteresis
∆V
INH
0.20.5
0.8V
–
Input current
I
INH
–35
100
µA
V
INH = 4 V
Hold voltage
V
U,HOLD
30
35
40
%
Referred to
V
Q
Turn off voltage
V
L,HOLD
60
70
80
%
Referred to
V
Q
Pull-up resistor
R
HOLD
20
50
100
k
Ω
–
Overvoltage Protection
Turn off voltage
V
I,OV
42
44
46
V
V
I increasing
Turn on voltage
V
I,turn on
36
––V
V
I decreasing
after turn off
1) Drop voltage =
V
I - VQ (measured when the output voltage VQ has dropped 100 mV from the nominal value
obtained at
V
I = 13.5 V)
2) The reset output is Low for 1 V <
V
Q < VRT
Table 6
Characteristics (cont’d)
V
I = 13.5 V; -40 °C < TJ < 125 °C; VE2 > 4 V (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com