Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7826G Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE7826G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7826G Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE7826G Datasheet HTML 35Page - Infineon Technologies AG TLE7826G Datasheet HTML 36Page - Infineon Technologies AG TLE7826G Datasheet HTML 37Page - Infineon Technologies AG TLE7826G Datasheet HTML 38Page - Infineon Technologies AG TLE7826G Datasheet HTML 39Page - Infineon Technologies AG TLE7826G Datasheet HTML 40Page - Infineon Technologies AG TLE7826G Datasheet HTML 41Page - Infineon Technologies AG TLE7826G Datasheet HTML 42Page - Infineon Technologies AG TLE7826G Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Data Sheet
39
Rev. 3.01, 2008-04-15
TLE7826G
General Product Characteristics
Low Side Output LS1 / LS2
16.4.49
Static Drain-Source
ON-Resistance
R
DSON LSx
––
3.0
Ω
T
J = 150 °C; VS > 4.5 V; ILS
= 200 mA
–1.0
–
Ω
T
J = 25°C; VS > 4.5 V; ILS
= 200 mA
16.4.50
Output clamping voltage
V
LSx_CL
40
45
50
V
output “off”; current pulse:
I
LS1/2 = 100 mA; condition
during production test
16.4.51
Leakage current
I
QLLSx
––
5
μA
V
LSx = VS;
-40
°C < T
J < 85 °C
16.4.52
Switch ON time
t
ONLSx
–15
40
μs
CSN high to LSx on;
resistive load 120
Ω
16.4.53
Switch OFF time
t
OFFLSx
––
40
μs
CSN high to LSx off;
resistive load 120
Ω
16.4.54
Overcurrent shutdown
threshold
I
SDLSx
600
800
1000
mA
to prevent shutdown at
overvoltage conditions
@ -40
°C higher limits
have been chosen2)
16.4.55
Overcurrent shutdown
filter time
t
dSDLSx
10
18
26
μs
after continuos overcurrent
detection
t > t
dSDLSx
affected LSx will be
shutdown and overcurrent
condition will be indicated
via SPI output word
16.4.56
LS1/2 thermal shutdown
temp.
T
jSD
155
–
200
°C
1)
16.4.57
LS1/2 thermal shutdown
temp. hysteresis
T
jSD_hys
10
15
–
K
1)
16.4.58
Output Clamping Energy
at pins LSx
ECL
–
–
4
mJ
based on 250.000
switching cycles
Supply Output (Hall Sensor Supply)
16.4.59
Drop voltage
V
S - VSupply
V
DROP_Supply
––
300
mV
I
Supply = -18 mA;
3.9 V <
V
S < 13.5 V
16.4.60
Output voltage range
V
SUPPLY
2.7
–
18.0
V
3.9 V <
V
S < 27.0 V;
for
t < 0.4 s:
27.0 V <
V
S < 40.0 V;
16.4.61
Leakage current
I
QL_SUPPLY
-5
–
–
μA
V
Supply = 0 V
16.4.62
Switch ON time
t
ON_SUPPLY
––
200
μs
CSN high to SUPPLY
16.4.63
Switch OFF time
t
OFF_SUPPLY
––
100
μs
CSN high to SUPPLY
16.4.64
Overcurrent shutdown
threshold
I
SD_SUPPLY
-80
-40
-20
mA
–
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com