Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7826G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7826G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7826G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7826G Datasheet HTML 1Page - Infineon Technologies AG TLE7826G Datasheet HTML 2Page - Infineon Technologies AG TLE7826G Datasheet HTML 3Page - Infineon Technologies AG TLE7826G Datasheet HTML 4Page - Infineon Technologies AG TLE7826G Datasheet HTML 5Page - Infineon Technologies AG TLE7826G Datasheet HTML 6Page - Infineon Technologies AG TLE7826G Datasheet HTML 7Page - Infineon Technologies AG TLE7826G Datasheet HTML 8Page - Infineon Technologies AG TLE7826G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
Data Sheet
5
Rev. 3.01, 2008-04-15
TLE7826G
Overview
Description
This single-packaged solution incorporates an 8-bit state-of-the-art microcontroller compatible to the standard
8051 core with On-Chip Debug Support (OCDS), and a System-Basis-Chip (SBC). The SBC is equipped with LIN
transceiver, low-dropout voltage regulator (LDO) as well as two low-side switches (relay driver) and a high-side
driver e.g. for driving LEDs. An additional supply, e.g. to supply hall sensors (TLE 4966) is also available.
For Micro Controller Unit (MCU) supervision and additional protection of the circuit a programmable window
watchdog circuit with a reset feature, supply voltage supervision and integrated temperature sensor is
implemented on the SBC.
Microcontroller and LIN module offer low power modes in order to support terminal 30 connected automotive
applications. A wake-up from the low power mode is possible via a LIN bus message or wake-up inputs.
This integrated circuit is realized as Multi-Chip-Module (MCM) in a PG-DSO-28-38 package, and is designed to
withstand the severe conditions of automotive and industrial applications.
Note: A detailed description of the 8-bit microcontroller XC885 can be found in a dedicated User’s Manual and
Data Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com