Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM9202 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM9202
Description  World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM9202 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM9202 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM9201/02
Copyright © 2009, EM Microelectronic-Marin SA
Subject to change without notice
05/09 – rev. B
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
World’s First Fully Integrated Single-Cell Battery
2.4 GHz Transceiver
Description
The EM9201/02 is a low-voltage 2.4GHz transceiver IC
with built-in link-layer logic permitting proprietary wireless
links in the 2.400 … 2.485 GHz ISM band. It has a radio
core with a low-IF architecture and GFSK modulation
scheme being compliant with the emerging Bluetooth low
energy technology standard.
Control of the link-layer logic is possible though the SPI
interface using an external host-controller. An FPGA bridge
is included in the circuit such that with an external FPGA
any protocol compatible with the RF characteristics can
also be emulated through the SPI port of the EM9201/02.
The EM9201/02 can be operated from a single 1.5V battery
by making use of the on-chip step-up (boost) DC/DC
converter. This converter is designed to support an extra
load such as a low-power microcontroller (host) or sensor
interface circuit with a dedicated application profile.
The EM9201/02 can also operate without the DC/DC
converter, when supplied from a 3 V battery or any other
source such as an external LDO regulator. No external coil
is needed then.
EM9201: up to 1 Mb/s on air data rate
EM9202: up to 2 Mb/s on air data rate
Chip versions, programmable by metal mask option:
V1: with DC/DC converter for 1.5V battery
V2: w/o DC/DC converter for any voltages 1.9 – 3.6V
Typical Application Schematic
Features
Single cell 1.5V battery operation (Alkaline AA, AAA)
Operation down to VBAT = 0.8 V (for start-up --> 1.0V)
3 V Lithium battery as alternative
Bluetooth Low Energy-compliant GFSK modulation
Low drift of PLL frequency by design
On air data rate: 1Mb/s for EM9201, configurable 1Mb/s
or 2Mb/s for EM9202.
Programmable RF output level:
-20 dBm … + 4dBm in 8 steps
No antenna matching elements needed through
appropriate PCB antenna design :
200
differential impedance of antenna port
Low-cost 26MHz Xtal
BLD function: battery level detection in accordance with
selected battery
Current consumption (on VCC, VCC =2.1V, 2Mb/s )
12.5 mA
in RX
11.5 mA
in TX (0dBm output power)
3.0 µA
in sleep-mode (DC/DC running on RCosc)
1)
0.8 µA
in power-down mode (3V version, DC/DC off)
1) External load reduced to < 500µA
MLF24 4x4 package
Applications
Remote sensing in general
Wireless mouse, keyboard etc.
Wireless sensors in watches
Wireless sports equipment
Alarm and security systems
Pin Assignment
EM MICROELECTRONIC - MARIN SA
EM 9201/02
MLF24 4x4
SDO
AVDD_PA
SDI
SCK
VDD
VSS
VSS_DCDC
AVSS_PA
ANTN
ANTP
AVSS_RF
CS
FPGA
VBAT
VCC2
SW_DCDC
IRQ
CS
SCK
SDI
SDO
XTAL1
XTAL2
VDD
AVDD_PA
AVSS_PA
ANTP
ANTN
BIAS_R
VSS
VSS_DCDC
EM9201/02
CK_FPGA
DATA_FPGA
Step-up conversion option; for simplicity, not all supply pins indicated !


Similar Part No. - EM9202

ManufacturerPart #DatasheetDescription
logo
TANDA UK Limited.
EM921 TANDAUK-EM921 Datasheet
1Mb / 2P
Conventional Manual Call Point
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
CALLER ID FSK DECODER
EM92547B EMC-EM92547B Datasheet
136Kb / 13P
CALLER ID FSK DECODER
EM92547D EMC-EM92547D Datasheet
136Kb / 13P
CALLER ID FSK DECODER
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
More results

Similar Description - EM9202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO60 TEMEX-RFPO60 Datasheet
261Kb / 2P
The RFPO60 is from the world?셲 first ASIC.based OCXO product
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
logo
STMicroelectronics
STM32F469 STMICROELECTRONICS-STM32F469 Datasheet
588Kb / 2P
World’s first MIPI-DSI MCU
July 2017
logo
List of Unclassifed Man...
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
Single chip 2.4 GHz Transceiver
logo
Advanced Micro Devices
W5700 AMD-W5700 Datasheet
757Kb / 1P
The World?셲 First 7nm Professional PC Workstation Graphics Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com