Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5358LUI Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # EP5358LUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI Datasheet(HTML) 1 Page - Enpirion, Inc.

  EP5358LUI Datasheet HTML 1Page - Enpirion, Inc. EP5358LUI Datasheet HTML 2Page - Enpirion, Inc. EP5358LUI Datasheet HTML 3Page - Enpirion, Inc. EP5358LUI Datasheet HTML 4Page - Enpirion, Inc. EP5358LUI Datasheet HTML 5Page - Enpirion, Inc. EP5358LUI Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
500mA Synchronous Buck Regulator
with Integrated Inductor
RoHS Compliant; Halogen Free
www.enpirion.com
Description
The EP5358xUI (x = L or H) is a 500mA
PowerSOC. The EP5358xUI integrates MOSFET
switches,
control,
compensation,
and
the
magnetics in an advanced 2.5mm x 2.25mm
micro-QFN Package.
Integrated magnetics enables a tiny solution
footprint, low output ripple, low part-count, and
high reliability, while maintaining high efficiency.
The complete solution can be implemented in as
little as 15mm2.
The EP5358xUI uses a 3-pin VID to easily select
the output voltage setting.
Output voltage
settings are available in 2 optimized ranges
providing coverage for typical VOUT settings.
The VID pins can be changed on the fly for fast
dynamic voltage scaling. EP5358LUI further has
the option to use an external voltage divider.
The EP5358xUI is a perfect solution for noise
sensitive and space constrained applications that
require high efficiency.
EN5358xUI
2.7
mm
5.4
mm
Figure 1: Total Solution Footprint (Not to Scale)
Features
• Integrated Inductor Technology
• 2.5mm x 2.25mm x 1.1mm uQFN package
• Total Solution Footprint < 15mm2
• Low VOUT ripple for RF compatibility
• High efficiency, up to 93%
• 500mA continuous output current
• Less than 1µA standby current
• 5 MHz switching frequency
• 3 pin VID for glitch free voltage scaling
• VOUT Range 0.6V to VIN – 0.25V
• Short circuit and over current protection
• UVLO and thermal protection
• IC level reliability in a PowerSOC solution
Application
• Wireless and RF applications
• Wireless broad band data cards
• Smart phone and portable media players
• Advanced Low Power Processors, DSP, IO,
Memory, Video, Multimedia Engines
V
OUT
2.2uF
PGND
EP5358HUI
ENABLE
PV
IN
V
S0
V
S1
V
S2
V
SENSE
V
OUT
10uF
AGND
AV
IN
V
IN
Figure 2: Typical Application Schematic


Similar Part No. - EP5358LUI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP5358LUI ALTERA-EP5358LUI Datasheet
757Kb / 16P
600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP5358LUI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com