Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5358LUI Datasheet(PDF) 12 Page - Enpirion, Inc.

Part # EP5358LUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI Datasheet(HTML) 12 Page - Enpirion, Inc.

Back Button EP5358LUI Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI Datasheet HTML 9Page - Enpirion, Inc. EP5358LUI Datasheet HTML 10Page - Enpirion, Inc. EP5358LUI Datasheet HTML 11Page - Enpirion, Inc. EP5358LUI Datasheet HTML 12Page - Enpirion, Inc. EP5358LUI Datasheet HTML 13Page - Enpirion, Inc. EP5358LUI Datasheet HTML 14Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
12
www.enpirion.com
()
Rb
Ra
OUT
V
V
+
=
1
6
.
0
VIN
VSense
VS0
VS2
10
μF
0603
2.2uF
0603
VOUT
VOUT
AGND
ENABLE
Ra
Rb
VFB
VS1
PGND
AVIN
PVIN
Figure 8: EP5358LUI using external divider
Ra must be chosen as 237KΩ to maintain loop
gain. Then Rb is given as:
Ω
=
6
.
0
10
2
.
142
3
OUT
b
V
x
R
VOUT can be programmed over the range of
0.6V to (VIN – 0.25V).
NOTE:
Dynamic Voltage Scaling is not allowed
between internal preset voltages and external
divider.
EP5358HUI High VID Range Programming
The EP5358HUI VOUT settings are optimized
for higher nominal voltages such as those
required to power IO, RF, or IC memory. The
preset voltages range from 1.8V to 3.3V.
There are eight (8) preset output voltage
settings. The EP5358HUI does not have an
external
divider
option.
As
with
the
EP5358LUI, the VID pin settings can be
changed while the device is enabled.
Table 2 shows the VS0-VS2 pin logic states for
the EP5358HUI and the associated output
voltage levels.
A logic “1” indicates a
connection to AVIN or to a “high” logic voltage
level.
A logic “0” indicates a connection to
AGND or to a “low” logic voltage level. These
pins can be either hardwired to AVIN or AGND
or alternatively can be driven by standard logic
levels. Logic levels are defined in the electrical
characteristics table. Any level between the
logic high and logic low is indeterminate.
These pins must not be left floating.
Table 2: EP5358HUI VID Voltage Select Settings
VS2
VS1
VS0
VOUT
00
0
3.3
00
1
3.0
01
0
2.9
01
1
2.6
10
0
2.5
10
1
2.2
11
0
2.1
11
1
1.8
Input Filter Capacitor
The input filter capacitor requirement is a
2.2µF 0603 low ESR MLCC capacitor. The
input capacitor must use a X5R or X7R or
equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance with frequency, bias, and with
temperature, and are not suitable for switch-
mode DC-DC converter input filter applications.
Output Filter Capacitor
The output filter capacitor requirement is a
minimum of 10µF 0603 MLCC for VIN<4.3V
and 10uF 0805 for VIN>4.3V.
Ripple
performance can be improved by using 2x10µF
0603 MLCC capacitors (for any allowed VIN).
The maximum output filter capacitance next to
the output pins of the device is 60µF low ESR
MLCC capacitance. VOUT has to be sensed at
the last output filter capacitor next to the
EP5358xUI.
Additional bulk capacitance for decoupling and
bypass can be placed at the load as long as
there is sufficient separation between the VOUT
Sense point and the bulk capacitance.
Excess total capacitance on the output (Output
Filter + Bulk) can cause an over-current
condition at startup. Refer to the section on
Soft-Start for the maximum total capacitance
on the output.
The output capacitor must use a X5R or X7R
or equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance
with
frequency,
bias,
and
temperature and are not suitable for switch-
mode
DC-DC
converter
output
filter
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com