Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega32U4 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega32U4 Datasheet HTML 1Page - ATMEL Corporation ATmega32U4 Datasheet HTML 2Page - ATMEL Corporation ATmega32U4 Datasheet HTML 3Page - ATMEL Corporation ATmega32U4 Datasheet HTML 4Page - ATMEL Corporation ATmega32U4 Datasheet HTML 5Page - ATMEL Corporation ATmega32U4 Datasheet HTML 6Page - ATMEL Corporation ATmega32U4 Datasheet HTML 7Page - ATMEL Corporation ATmega32U4 Datasheet HTML 8Page - ATMEL Corporation ATmega32U4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 135 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-Chip 2-cycle Multiplier
• Non-volatile Program and Data Memories
– 16/32K Bytes of In-System Self-Programmable Flash (ATmega16U4/ATmega32U4)
– 1.25/2.5K Bytes Internal SRAM (ATmega16U4/ATmega32U4)
– 512Bytes/1K Bytes Internal EEPROM (ATmega16U4/ATmega32U4)
– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/ 100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program hardware activated after
reset
True Read-While-Write Operation
All supplied parts are preprogramed with a default USB bootloader
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• USB 2.0 Full-speed/Low Speed Device Module with Interrupt on Transfer Completion
– Complies fully with Universal Serial Bus Specification Rev 2.0
– Supports data transfer rates up to 12 Mbit/s and 1.5 Mbit/s
– Endpoint 0 for Control Transfers: up to 64-bytes
– 6 Programmable Endpoints with IN or Out Directions and with Bulk, Interrupt or
Isochronous Transfers
– Configurable Endpoints size up to 256 bytes in double bank mode
– Fully independent 832 bytes USB DPRAM for endpoint memory allocation
– Suspend/Resume Interrupts
– CPU Reset possible on USB Bus Reset detection
– 48 MHz from PLL for Full-speed Bus Operation
– USB Bus Connection/Disconnection on Microcontroller Request
• Peripheral Features
– On-chip PLL for USB and High Speed Timer: 32 up to 96 MHz operation
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– Two 16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode
– One 10-bit High-Speed Timer/Counter with PLL (64 MHz) and Compare Mode
– Four 8-bit PWM Channels
– Four PWM Channels with Programmable Resolution from 2 to 16 Bits
– Six PWM Channels for High Speed Operation, with Programmable Resolution from
2 to 11 Bits
– Output Compare Modulator
– 12-channels, 10-bit ADC (features Differential Channels with Programmable Gain)
– Programmable Serial USART with Hardware Flow Control
– Master/Slave SPI Serial Interface
8-bit
Microcontroller
with
16/32K Bytes of
ISP Flash
and USB
Controller
ATmega16U4
ATmega32U4
Preliminary
7766DS–AVR–01/09


Similar Part No. - ATmega32U4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
598Kb / 23P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
194Kb / 28P
USB DFU Bootloader
ATmega32U4 ATMEL-ATmega32U4 Datasheet
6Mb / 408P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
733Kb / 26P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
694Kb / 26P
High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
More results

Similar Description - ATmega32U4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_08 Datasheet
633Kb / 21P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2 Datasheet
5Mb / 314P
8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
733Kb / 26P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_V01 Datasheet
518Kb / 27P
8-bit Microcontroller with 16/32K bytes of ISP Flash and USB Controller
09/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com