Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega32U4 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATmega32U4 Datasheet HTML 1Page - ATMEL Corporation ATmega32U4 Datasheet HTML 2Page - ATMEL Corporation ATmega32U4 Datasheet HTML 3Page - ATMEL Corporation ATmega32U4 Datasheet HTML 4Page - ATMEL Corporation ATmega32U4 Datasheet HTML 5Page - ATMEL Corporation ATmega32U4 Datasheet HTML 6Page - ATMEL Corporation ATmega32U4 Datasheet HTML 7Page - ATMEL Corporation ATmega32U4 Datasheet HTML 8Page - ATMEL Corporation ATmega32U4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
7766DS–AVR–01/09
ATmega16U4/ATmega32U4
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATmega16U4/ATmega32U4 provides the following features: 16/32K bytes of In-System
Programmable Flash with Read-While-Write capabilities, 512Bytes/1K bytes EEPROM,
1.25/2.5K bytes SRAM, 26 general purpose I/O lines (CMOS outputs and LVTTL inputs), 32
general purpose working registers, four flexible Timer/Counters with compare modes and PWM,
one more high-speed Timer/Counter with compare modes and PLL adjustable source, one
USART (including CTS/RTS flow control signals), a byte oriented 2-wire Serial Interface, a 12-
PROGRAM
COUNTER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMERS/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTE
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
DATA REGISTER
PORTE
DATA REGISTER
PORTD
INTERRUPT
UNIT
EEPROM
SPI
STATUS
REGISTER
SRAM
USART1
Z
Y
X
ALU
PORTB DRIVERS
PORTE DRIVERS
PORTF DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB7 - PB0
PE6
PF7 - PF4
VCC
GND
CONTROL
LINES
PC7
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
8-BIT DA TA BUS
USB 2.0
TIMING AND
CONTROL
OSCILLATOR
CALIB. OSC
DATA DIR.
REG. PORTC
DATA REGISTER
PORTC
ON-CHIP DEBUG
JTAG TAP
PROGRAMMING
LOGIC
BOUNDARY-
SCAN
DATA DIR.
REG. PORTF
DATA REGISTER
PORTF
POR - BOD
RESET
PD7 - PD0
TWO-WIRE SERIAL
INTERFACE
PLL
HIGH SPEED
TIMER/PWM
PE2
PC6
PF1 PF0
ON-CHIP
USB PAD 3V
REGULATOR
UVcc
UCap
1uF
ANALOG
COMPARATOR
VBUS
DP
DM
ADC
AGND
AREF
AVCC
TEMPERATURE
SENSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com