Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U2CA-CU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM3U2CA-CU
Description  AT91ARM M3 Cortex-based Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U2CA-CU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM3U2CA-CU Datasheet HTML 1Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 2Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 3Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 4Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 5Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 6Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 7Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 8Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
NOTE: This is a summary document.
The complete document is available on
the Atmel website at www.atmel.com.
Features
• Core
– ARM® Cortex®-M3 revision 2.0 running at up to 96 MHz
– Memory Protection Unit (MPU)
–Thumb®-2 instruction set
• Memories
– From 64 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator,
dual bank
– From 16 to 48 Kbytes embedded SRAM with dual banks
– 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines
– Static Memory Controller (SMC): SRAM, NOR, NAND support. NAND Flash
controller with 4-kbyte RAM buffer and ECC
• System
– Embedded voltage regulator for single supply operation
– POR, BOD and Watchdog for safe reset
– Quartz or resonator oscillators: 3 to 20 MHz main and optional low power 32.768
kHz for RTC or device clock.
– High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz Default
Frequency for fast device startup
– Slow Clock Internal RC oscillator as permanent clock for device clock in low power
mode
– One PLL for device clock and one dedicated PLL for USB 2.0 High Speed Device
– Up to 19 peripheral DMA (PDC) channels and 4-channel central DMA
• Low Power Modes
– Sleep and Backup modes, down to 2.5 µA in Backup mode.
– Backup domain: VDDBU pin, RTC, 32 backup registers
– Ultra low power RTC: 0.6 µA
• Peripherals
– USB 2.0 Device: 480 Mbps, 4-kbyte FIFO, up to 7 bidirectional Endpoints,
dedicated DMA
– Up to 4 USARTs (ISO7816, IrDA®, Flow Control, SPI, Manchester support) and one
UART
– Up to 2 TWI (I2C compatible), 1 SPI, 1 SSC (I2S), 1 HSMCI (SDIO/SD/MMC)
– 3-Channel 16-bit Timer/Counter (TC) for capture, compare and PWM
– 4-channel 16-bit PWM (PWMC)
– 32-bit Real Time Timer (RTT) and RTC with calendar and alarm features
– 8-channel 12-bit 1Msps ADC with differential input mode and programmable gain
stage, 8-channel 10-bit ADC
• I/O
– Up to 96 I/O lines with external interrupt capability (edge or level sensitivity),
debouncing, glitch filtering and on-die Series Resistor Termination
– Three 32-bit Parallel Input/Outputs (PIO)
• Packages
– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm
– 100-ball LFBGA, 9 x 9 mm, pitch 0.8 mm
– 144-lead LQFP, 20 x 20 mm, pitch 0.5 mm
– 144-ball LFBGA, 10 x 10 mm, pitch 0.8 mm
AT91ARM M3
Cortex-based
Processor
ATSAM3U Series
Preliminary
Summary
6430BS–ATARM–01-Sep-09


Similar Part No. - ATSAM3U2CA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U2CA-CU ATMEL-ATSAM3U2CA-CU Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
More results

Similar Description - ATSAM3U2CA-CU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
AT91 ARM Cortex M3-based Processor
logo
NXP Semiconductors
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3
07-Feb-2013
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
01-Feb-2013
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
EFM32JG12 SILABS-EFM32JG12 Datasheet
2Mb / 123P
ARM Cortex-M3 at 40 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com